Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAPSS0104 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAPSS0104
Description  High Power Linear Amplifier 3.3 - 3.8 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0104 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAPSS0104 Datasheet HTML 1Page - Tyco Electronics MAAPSS0104 Datasheet HTML 2Page - Tyco Electronics MAAPSS0104 Datasheet HTML 3Page - Tyco Electronics MAAPSS0104 Datasheet HTML 4Page - Tyco Electronics MAAPSS0104 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
High Power Linear Amplifier
3.3 – 3.8 GHz
MAAPSS0104
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
RoHS
Compliant
Electrical Specifications: TA = +25 °C, VCC = 5.0 V, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
3.5 GHz
dB
29
32
Gain Flatness
3.3 - 3.8 GHz
dB
± 1
Input Return Loss
3.3 - 3.8 GHz
dB
10
Output Return Loss
3.3 - 3.8 GHz
dB
7
Output P1dB
3.5 GHz
dBm
32
EVM
3
3.5 GHz, POUT = 26 dBm
OFDM, QAM-64, 54 Mbps
%
2.5
Enable Voltage
VEN
V
3
Device / Supply Voltage
3.3 - 3.8 GHz
V
5
Quiescent Current
Operating Current
3.5 GHz, No RF
3.5 GHz, POUT = 26 dBm
mA
mA
250
600
700
PAE
3.5 GHz, POUT = 26 dBm CW
%
14
Detector Output Range
3.5 GHz, POUT = 14 - 28 dBm, OFDM
V
0.5 - 2.0
Thermal Resistance
@ 85°C package paddle temperature
°C/W
25
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
3. Includes system EVM of 0.8%.
Absolute Maximum Ratings
4,5
Parameter
Absolute Maximum
Input Power
+ 5 dBm
Operating Supply Voltage
+6.0 Volts
Operating Control Voltage
+3.6 Volts
Operating Temperature
-40 °C to +85 °C
Channel Temperature
+150 °C
Storage Temperature
-40 °C to +150 °C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.


Similar Part No. - MAAPSS0104

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0103 MACOM-MAAPSS0103 Datasheet
199Kb / 6P
   High Power Linear Amplifier 2.3 - 2.8 GHz
MAAPSS0103SMB MACOM-MAAPSS0103SMB Datasheet
199Kb / 6P
   High Power Linear Amplifier 2.3 - 2.8 GHz
MAAPSS0103TR-1000 MACOM-MAAPSS0103TR-1000 Datasheet
199Kb / 6P
   High Power Linear Amplifier 2.3 - 2.8 GHz
MAAPSS0103TR-3000 MACOM-MAAPSS0103TR-3000 Datasheet
199Kb / 6P
   High Power Linear Amplifier 2.3 - 2.8 GHz
MAAPSS0107 MACOM-MAAPSS0107 Datasheet
313Kb / 6P
   3.6 V, 0.5 W, RF Power Amplifier IC for DECT 1800 - 2000 MHz
More results

Similar Description - MAAPSS0104

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1048-QJ MIMIX-XP1048-QJ Datasheet
376Kb / 8P
   3.3-3.8 GHz HFET 3W Linear Power Amplifier
logo
RF Micro Devices
RF5623 RFMD-RF5623 Datasheet
3Mb / 18P
   SINGLE 5.0V, 3.3 TO 3.8 GHZ LINEAR POWER AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
MGA-23003 AVAGO-MGA-23003_15 Datasheet
694Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifier
logo
Broadcom Corporation.
ALM-42316 BOARDCOM-ALM-42316 Datasheet
849Kb / 13P
   (3.3 ??5)V Linear Wireless Data Power Amplifier for (3.3 - 3.8)GHz Operation
logo
Stealth Microwave, Inc.
SMTR3338-43L STEALTH_MICROWAVE-SMTR3338-43L Datasheet
148Kb / 5P
   3.3-3.8 GHz Bi-Directional Power Amplifier
logo
TriQuint Semiconductor
AP562 TRIQUINT-AP562_15 Datasheet
503Kb / 8P
   3.3-3.8 GHz WiMAX 8W Power Amplifier
logo
Broadcom Corporation.
MGA-23003 BOARDCOM-MGA-23003 Datasheet
694Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifier (3x3mm)
logo
Texas Instruments
TRF1223 TI-TRF1223 Datasheet
198Kb / 10P
[Old version datasheet]   3.3-GHz TO 3.8-GHZ 1-W Power Amplifier
TRF1223 TI-TRF1223_07 Datasheet
324Kb / 13P
[Old version datasheet]   3.3-GHz To 3.8-GHz 1-W Power Amplifier
logo
ANADIGICS, Inc
AWT6283R ANADIGICS-AWT6283R Datasheet
485Kb / 10P
   3.3 GHz to 3.8 GHz Mobile WiMAX Power Amplifier Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com