Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S30MS-P Datasheet(PDF) 3 Page - SPANSION

Part # S30MS-P
Description  1Gb/512Mb, x8/x16, 1.8 Volt NAND Interface Memory Based on MirrorBit??Technology
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S30MS-P Datasheet(HTML) 3 Page - SPANSION

  S30MS-P Datasheet HTML 1Page - SPANSION S30MS-P Datasheet HTML 2Page - SPANSION S30MS-P Datasheet HTML 3Page - SPANSION S30MS-P Datasheet HTML 4Page - SPANSION S30MS-P Datasheet HTML 5Page - SPANSION S30MS-P Datasheet HTML 6Page - SPANSION S30MS-P Datasheet HTML 7Page - SPANSION S30MS-P Datasheet HTML 8Page - SPANSION S30MS-P Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
This document states the current technical specifications regarding the Spansion product(s) described herein. The Preliminary status of this document indicates that product qual-
ification has been completed, and that initial production has begun. Due to the phases of the manufacturing process that require maintaining efficiency and quality, this document
may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication Number S30MS-P_00
Revision A
Amendment 7
Issue Date August 4, 2006
Distinctive Characteristics
Single Power Supply Operation
– 1.8 volt read, erase, and program operations
–VCC = 1.7 to 1.95V
Manufactured on 90 nm MirrorBitTM Process Technology
Bus widths - x8 and x16
Page Size
– Full Page Read
2K + 64 Byte
– Partial Page Read
512 + 16 Byte
Block (erase unit) Architecture
– Number of Blocks
1Gb: 1K blocks
512Mb: 512 blocks
–Block Size
128K + 4K Byte
Compatibility with NAND Flash I/O
– Provides pinout and command set compatibility with single-power
supply NAND flash
High-Performance Cache Register
– Cache Register matches page size to improve programming
throughput
100,000 Program/Erase Cycles per Sector Typical
10-Year Data Retention Typical
Operating Temperature Ranges
– Wireless (-25°C to +85°C)
Package options
– 48-pin TSOP
– 137-ball FBGA MCP Compatible
100% Valid Blocks
Performance Characteristics
Legend:
b = bit, B = Byte, K = 1024, M = 1048576
S30MS-P ORNAND
TM Flash Family
S30MS01GP, S30MS512P
1Gb/512Mb, x8/x16, 1.8 Volt NAND Interface Memory Based on
MirrorBitTechnology
Data Sheet (Preliminary)
Read Access Times (Maximum)
Full Page Random Access
25 µs
Partial Page Random Access
8 µs
Serial Read
25ns
Current Consumption (typical)
Read Current
40 mA
Erase Current
60 mA
Program Current
60 mA
Standby Current
10 uA
Read, Program and Erase Performance (typical)
x8
x16
Program
2.3 MB/s
2.4 MB/s
Erase
2.7 MB/s
2.7 MB/s
Full Page Read
26.7 MB/s
40.1 MB/s
Partial Page Read
24.3 MB/s
34.9 MB/s


Similar Part No. - S30MS-P

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S30M45C MOSPEC-S30M45C Datasheet
161Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
S30M45F MOSPEC-S30M45F Datasheet
164Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
S30M60C MOSPEC-S30M60C Datasheet
152Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
S30M60F MOSPEC-S30M60F Datasheet
165Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
More results

Similar Description - S30MS-P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND256-M STMICROELECTRONICS-NAND256-M Datasheet
228Kb / 23P
   256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
logo
Micron Technology
MT29F2G16AADWPDTR MICRON-MT29F2G16AADWPDTR Datasheet
808Kb / 88P
   2Gb x8, x16: NAND Flash Memory
logo
Integrated Silicon Solu...
IS43DR16320B-37CBLI ISSI-IS43DR16320B-37CBLI Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR81280A ISSI-IS43DR81280A Datasheet
855Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
logo
Integrated Silicon Solu...
IS43DR86400B ISSI-IS43DR86400B Datasheet
760Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR81280 ISSI-IS43DR81280 Datasheet
863Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
IS43DR81280B ISSI-IS43DR81280B Datasheet
549Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
IS43DR86400 ISSI-IS43DR86400 Datasheet
867Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
logo
SPANSION
S75NS128NDE SPANSION-S75NS128NDE Datasheet
5Mb / 211P
   1.8 Volt-only, Stacked Multi-Chip Product (MCP) x16 MirrorBit Flash Memory and DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com