Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29NS064N0SBJW002 Datasheet(PDF) 9 Page - SPANSION

Part # S29NS064N0SBJW002
Description  Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29NS064N0SBJW002 Datasheet(HTML) 9 Page - SPANSION

Back Button S29NS064N0SBJW002 Datasheet HTML 5Page - SPANSION S29NS064N0SBJW002 Datasheet HTML 6Page - SPANSION S29NS064N0SBJW002 Datasheet HTML 7Page - SPANSION S29NS064N0SBJW002 Datasheet HTML 8Page - SPANSION S29NS064N0SBJW002 Datasheet HTML 9Page - SPANSION S29NS064N0SBJW002 Datasheet HTML 10Page - SPANSION S29NS064N0SBJW002 Datasheet HTML 11Page - SPANSION S29NS064N0SBJW002 Datasheet HTML 12Page - SPANSION S29NS064N0SBJW002 Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
S29NS-N_00_A12 June 13, 2006
S29NS-N MirrorBit™ Flash Family
7
Data
She e t
(Adv a n ce
In f o r m a t i on)
2.
Product Selector Guide
3.
Block Diagram
Note
Amax indicates the highest order address bit. Amax equals A23 for NS256N, and A22 for NS128N and A21 for S29NS064N.
Description
S29NS256N, S29NS128N, S29NS064N
Burst Frequency
80 MHz
66 MHz
Max Initial Synchronous Access Time, ns (TIACC)80
80
Max Burst Access Time, ns (TBACC)
9
11.0
Max Asynchronous Access Time, ns (TACC)
80
80
Max CE# Access Time, ns (TCE)
Max OE# Access Time, ns (TOE)
9
11.0
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC
Detector
State
Control
Command
Register
VCCQ
VCC
VSS
WE#
RESET#
ACC
CE#
OE#
A/DQ15–A/DQ0
Data
Latch
Y-Gating
Cell Matrix
A/DQ15–A/DQ0
RDY
Buffer
RDY
Burst
State
Control
Burst
Address
Counter
AVD#
CLK
Amax–A0
WP#
Amax–A16


Similar Part No. - S29NS064N0SBJW002

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS064N SPANSION-S29NS064N Datasheet
1Mb / 86P
   256/128/64 Megabit (16/8/4M x 16-bit), CMOS 1.8 Volt-only Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
More results

Similar Description - S29NS064N0SBJW002

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S75NS-N SPANSION-S75NS-N Datasheet
315Kb / 10P
   MirrorBit 1.8 Volt-only Simultaneous Read/ Write, Burst-mode Multiplexed Flash (NOR Interface)
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29NS-N SPANSION-S29NS-N_07 Datasheet
1Mb / 86P
   256/128/64 Megabit (16/8/4M x 16-bit), CMOS 1.8 Volt-only Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com