Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MADCSM0012TR Datasheet(PDF) 5 Page - Tyco Electronics

Part # MADCSM0012TR
Description  PCS LNA / Downconverter 1800-2000 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MADCSM0012TR Datasheet(HTML) 5 Page - Tyco Electronics

  MADCSM0012TR Datasheet HTML 1Page - Tyco Electronics MADCSM0012TR Datasheet HTML 2Page - Tyco Electronics MADCSM0012TR Datasheet HTML 3Page - Tyco Electronics MADCSM0012TR Datasheet HTML 4Page - Tyco Electronics MADCSM0012TR Datasheet HTML 5Page - Tyco Electronics MADCSM0012TR Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PCS LNA/Downconverter
1800-2000 MHz
MADCSM0012
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
5
Typical Performance Curves vs. Temperature
Full Chain Noise Figure
Full Chain Input IP3
Full Chain IF Return Loss
Full Chain LO Return Loss
Full Chain Port to Port Isolation
Full Chain Conversion Gain vs. VCTL
0
1
2
3
4
1840
1845
1850
1855
1860
1865
1870
-30°C
+25°C
+85°C
Frequency (MHz)
-14
-12
-10
-8
-6
1840
1845
1850
1855
1860
1865
1870
-30°C
+25°C
+85°C
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
150
175
200
225
250
275
300
-30°C
+25°C
+85°C
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
1200
1400
1600
1800
2000
2200
-30°C
+25°C
+85°C
Frequency (MHz)
0
10
20
30
40
50
60
1840
1850
1860
1870
LO-to-IF
RF-to-IF
LO-to-RF
RF-to-LO
Frequency (MHz)
20
22
24
26
28
1840
1845
1850
1855
1860
1865
1870
1.0 V
2.0 V
3.0 V
Frequency (MHz)


Similar Part No. - MADCSM0012TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MADCSM0011 MACOM-MADCSM0011 Datasheet
167Kb / 5P
   Dual Mode Cellular Downconverter 869 - 893 MHz
MADCSM0011SMB MACOM-MADCSM0011SMB Datasheet
167Kb / 5P
   Dual Mode Cellular Downconverter 869 - 893 MHz
MADCSM0011TR MACOM-MADCSM0011TR Datasheet
167Kb / 5P
   Dual Mode Cellular Downconverter 869 - 893 MHz
More results

Similar Description - MADCSM0012TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD59-0049 MACOM-MD59-0049 Datasheet
353Kb / 10P
   PCS CDMA LNA/Downconverter 1.80-2.0 GHz
MD59-0021 MACOM-MD59-0021 Datasheet
123Kb / 5P
   PCS CDMA LNA / Downconverter 1.8-2.0 GHz
PA1132 MACOM-PA1132 Datasheet
37Kb / 1P
   1800-2000 MHz. Linear Power Amplifier
logo
TriQuint Semiconductor
TQL9042 TRIQUINT-TQL9042_15 Datasheet
643Kb / 9P
   500 ??2000 MHz Bypass LNA
logo
Texas Instruments
TRF4000 TI-TRF4000 Datasheet
102Kb / 8P
[Old version datasheet]   PCS RF DOWNCONVERTER
logo
RF Micro Devices
RF2459 RFMD-RF2459 Datasheet
122Kb / 8P
   3V PCS DOWNCONVERTER
logo
Tyco Electronics
MD59-0043 MACOM-MD59-0043 Datasheet
333Kb / 10P
   Highly Linear LNA/Downconverter 800-900 MHz
MA4IQP190H-1291T MACOM-MA4IQP190H-1291T Datasheet
370Kb / 6P
   I/Q Modulator/Demodulator 1800-2000 MHz
MAMXES0009 MACOM-MAMXES0009 Datasheet
138Kb / 2P
   E-Series Surface Mount Mixer 1800-2000 MHz
PA2003 MACOM-PA2003 Datasheet
230Kb / 2P
   Ultra Linear Driver Amplifier 1800 to 2000 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com