Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1677CPW Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX1677CPW
Description  AMD64 Processor VRM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1677CPW Datasheet(HTML) 4 Page - Microsemi Corporation

  LX1677CPW Datasheet HTML 1Page - Microsemi Corporation LX1677CPW Datasheet HTML 2Page - Microsemi Corporation LX1677CPW Datasheet HTML 3Page - Microsemi Corporation LX1677CPW Datasheet HTML 4Page - Microsemi Corporation LX1677CPW Datasheet HTML 5Page - Microsemi Corporation LX1677CPW Datasheet HTML 6Page - Microsemi Corporation LX1677CPW Datasheet HTML 7Page - Microsemi Corporation LX1677CPW Datasheet HTML 8Page - Microsemi Corporation LX1677CPW Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LX1677
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
AMD64 Processor VRM Controller
Copyright
© 2000
Rev 1.1, 2003-03-03
TM
®
ELECTRI CAL CHA RACTERI S TI CS
Unless otherwise specified, the following specifications apply over the operating ambient temperature 0°C
TA 70°C except where
otherwise noted and the following test conditions: VCC = 5V, VCCL = 5V, VIN = 12V, Switching Frequency = 500KHz.
LX1677
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
REGULATOR
ENA = VCC, FB+ = FB-
1
5
9
mA
IC Supply Current
IQ(VCC)
ENA = GND
1
µA
Low Side Driver Operating
Current
IQ(VCCL)
ENA = VCC, FB+ = FB-
0.5
1
mA
High Side Driver Operating
Current
IQ(VCx)
ENA = VCC, FB+ = FB-
2
4
mA
ERROR AMPLIFIER: PHASE 1
Input Offset Voltage
VOS
Common Mode Voltage (VCM) = 1.4V
-6
6
mV
Input Bias Current
IEA1
-100
100
nA
DC Open Loop Gain
60
70
dB
Input Common Mode Range
VICM
CMRR > 50dB
0.8
2.5
V
VEO1(MAX)
IEA1 = 2mA
4.0
Output Voltage Swing
VEO1(MIN)
IEA1 = -20µA
0.15
0.5
V
Unity Gain Bandwidth
UGBW
20
MHz
DIFFERENTIAL AMPLIFIER
Input Offset Voltage
VOS
VCM=1.4V
-6
6
mV
Gain
ADA
0.99
1
1.01
V/V
Common Mode Rejection Ratio
CMRRDA
0.8V < VCM < 2.5V
65
dB
Input Resistance
RIN
Measured at FB+ Input
30
K
Input Common Mode Range
VCM
0
3
V
Source / Sink Current
VDFOUT = 0V
5
mA
VDFOUT(MAX) IDFOUT = 2mA
4.0
Output Voltage Swing
VDFOUT (MIN) IEA1 = -20µA
0.2
V
Unity Gain Bandwidth
UGBW
10
MHz
Slew Rate
SR
5
V/
µs
OSCILLATOR
Maximum Clock Frequency
fMAX
RPWM=10k
0.9
1
1.1
MHz
Minimum Clock Frequency
fMIN
RPWM=50k
150
200
220
KHz
Frequency Stability
4
%
PWM OUTPUT
During Transient Correction Switching
100
Maximum Duty Cycle
DCMAX
Transient Correction Not Switching
40
50
%
Minimum Pulse Width
tPWM(MIN)
3000pF Load
60
nS
Dead Time
3000pF Load at 50% of VCCL
50
80
200
nS
VIN = 6V
0.70
VIN = 12
1.40
Ramp Amplitude
VRAMP
VIN = 24V
2.80
V
PHASE 2 INTEGRATING AMPLIFIER
Input Offset Voltage
VOS
VCM=1.4V
-6
6
mV
DC Open Loop Gain
70
dB
VEO2(MAX)
IEA2 = 2mA
4.0
Output Voltage Swing
VEO2(MIN)
IEA2 = -20µA
0.15
0.5
V
Unity Gain Bandwidth
UGBW
20
MHz


Similar Part No. - LX1677CPW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1670 MICROSEMI-LX1670 Datasheet
192Kb / 7P
   5 - BIT PROGRAMMABLE VOTAGE REFERENCE
LX1670CD MICROSEMI-LX1670CD Datasheet
192Kb / 7P
   5 - BIT PROGRAMMABLE VOTAGE REFERENCE
LX1671 MICROSEMI-LX1671 Datasheet
447Kb / 21P
   Multiple Output LoadSHARE PWM
LX1671CLQ MICROSEMI-LX1671CLQ Datasheet
425Kb / 21P
   Multiple Output LoadSHARE PWM
LX1671CLQ-TR MICROSEMI-LX1671CLQ-TR Datasheet
425Kb / 21P
   Multiple Output LoadSHARE PWM
More results

Similar Description - LX1677CPW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676 Datasheet
387Kb / 16P
   Mobile AMD AthlonTM VRM Controller
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
   Mobile AMD Athlon??VRM Controller
logo
ON Semiconductor
NCP5306 ONSEMI-NCP5306 Datasheet
872Kb / 24P
   Three?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 3
CS5307 ONSEMI-CS5307 Datasheet
880Kb / 24P
   Four?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 9
logo
Maxim Integrated Produc...
MAX5037A MAXIM-MAX5037A Datasheet
622Kb / 31P
   VRM 9.0/VRM 9.1, Dual-Phase, Parallelable, Average-Current-Mode Controller
Rev 1; 4/04
logo
Analog Devices
ADP3170 AD-ADP3170 Datasheet
183Kb / 16P
   VRM 8.5 Compatible Single Phase Core Controller
REV. 0
logo
ice Components, Ins.
LP02-1 ICE-LP02-1 Datasheet
158Kb / 1P
   VRM Inductor
LP02-2 ICE-LP02-2 Datasheet
156Kb / 1P
   VRM Inductor
LP02-3 ICE-LP02-3_08 Datasheet
217Kb / 1P
   VRM Inductor
LP02-5 ICE-LP02-5 Datasheet
158Kb / 1P
   VRM Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com