Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL828IH-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICL828IH-T
Description  Switched-Capacitor Voltage Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL828IH-T Datasheet(HTML) 1 Page - Intersil Corporation

  ICL828IH-T Datasheet HTML 1Page - Intersil Corporation ICL828IH-T Datasheet HTML 2Page - Intersil Corporation ICL828IH-T Datasheet HTML 3Page - Intersil Corporation ICL828IH-T Datasheet HTML 4Page - Intersil Corporation ICL828IH-T Datasheet HTML 5Page - Intersil Corporation ICL828IH-T Datasheet HTML 6Page - Intersil Corporation ICL828IH-T Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
TM
File Number
4835.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000
ICL828
Switched-Capacitor Voltage Inverter
The ICL828 IC performs supply voltage conversions from
positive to negative for an input range of +1.5V to +5.5V
resulting in complementary output voltages of -1.5V to -5.5V.
The ICL828 has a 12kHz internal oscillator and requires two
capacitors to invert the supply voltage. Cascading may be
made to increase the output voltage. The high efficiency
(greater than 90% over most of the load-current range) and
low operating current (60
µA typical) make these devices
ideal for both battery-powered and board-level voltage
conversion applications.
Block Diagram
Features
• 5-Lead SOT23-5 Package
• 99% Open Circuit Voltage Conversion Efficiency
• Inverts Input Supply Voltage
• High Power Supply Efficiency
• Input Voltage Range . . . . . . . . . . . . . . . . . . +1.5V to +5.5V
• May be Cascaded to Increase Output Voltage
• Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25mA
• Quiescent Current . . . . . . . . . . . . . . . . . . . . . . . . . . 60
µA
• Pin for Pin Compatible to MAX828
• Small Package Size
Applications
Simple Conversion . . . . . . . . . . . . . . . . . . . . . +5V to -5V
• Voltage Multiplication . . . . . . . . . . . . . . . . . . VOUT = -nVIN
• Supply Splitter
- Operational Amplifiers
- Bias Supplies
• Hand Held Products
- Cell Phones
-PDAs
- GPS
- Pagers
• LCD Panels
Pinout
ICL828 (SOT23)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO
BRAND
ICL828IH-T
-40 to 85
5 Lead SOT23
P5.064
828
OUTPUT
VOLTAGE
VOLTAGE
+
GND
4
C1+
5
3
C1-
1
+
OUT
IN
2
INPUT
NEGATIVE VOLTAGE CONVERTER
C1+
GND
OUT
IN
C1-
1
2
3
4
5
Data Sheet
June 2000


Similar Part No. - ICL828IH-T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICL8201 INFINEON-ICL8201 Datasheet
1Mb / 40P
   AC/DC Buck Cont rol ler wi th PFC for LED Lamps
Revision V2.0 2015-05-25
ICL8201 INFINEON-ICL8201_15 Datasheet
1Mb / 40P
   AC/DC Buck Cont rol ler wi th PFC for LED Lamps
Revision V2.0 2015-05-25
logo
Intersil Corporation
ICL8211 INTERSIL-ICL8211 Datasheet
306Kb / 14P
   Programmable Voltage Detectors
October 1999
logo
Harris Corporation
ICL8211 HARRIS-ICL8211 Datasheet
153Kb / 14P
   Programmable Voltage Detectors
logo
Intersil Corporation
ICL8211 INTERSIL-ICL8211 Datasheet
4Mb / 122P
   P-CHANNEL JFET
More results

Similar Description - ICL828IH-T

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
   Switched Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729 Datasheet
165Kb / 22P
   Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
NCP1729 ONSEMI-NCP1729_16 Datasheet
176Kb / 23P
   Switched Capacitor Voltage Inverter
February, 2016 ??Rev. 6
NCP1729 ONSEMI-NCP1729_06 Datasheet
178Kb / 22P
   Switched Capacitor Voltage Inverter
March, 2006 ??Rev. 4
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2682 NSC-LM2682 Datasheet
136Kb / 7P
   Switched Capacitor Voltage Doubling Inverter
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
logo
Texas Instruments
LM2776 TI1-LM2776_16 Datasheet
1Mb / 23P
[Old version datasheet]   Switched Capacitor Inverter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com