Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDMP-0422 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HDMP-0422
Description  Single Port Bypass Circuit with CDR & Data Valid Detection Capability for Fibre Channel Arbitrated Loops
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-0422 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HDMP-0422 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDMP-0422 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDMP-0422 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDMP-0422 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-0422 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-0422 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-0422 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-0422 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-0422 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Figure 1. Block diagram of HDMP-0422.
training controls. It does this by
continually frequency locking
onto the 106.25 MHz reference
clock (REFCLK) and then phase
locking onto the input data
stream. Once bit locked, the CDR
generates a high-speed sampling
clock. This clock is used to
sample or repeat the incoming
data to produce the CDR output.
The CDR jitter specifications
listed in this data sheet assume
an input that has been 8B/10B
encoded. The CDR will also lock
onto data encoded using other
algorithms as long as there is DC
balance and a sufficient number
of transitions.
REFCLK INPUT
The LVTTL REFCLK input
provides a reference oscillator for
frequency acquisition of the CDR.
The REFCLK frequency should be
within
± 100 ppm of one-tenth of
the incoming data rate in baud
(106.25 MHz
± 100 ppm for FC-
AL running at 1.0625 GBd).
BLL OUTPUT
All TO_NODE[n]
± high-speed
differential outputs are driven by
a Buffered Line Logic (BLL)
circuit that has on-chip source
termination, so no external bias
resistors are required. The BLL
Outputs on the HDMP-0422 are
of equal strength and can drive
lengthy FR-4 PCB trace.
Unused outputs should not be left
unconnected. Ideally, unused
outputs should have their
differential pins shorted together
with a short PCB trace. If longer
traces or transmission lines are
connected to the output pins, the
lines should be differentially
terminated with an appropriate
The HDMP-0422 design allows for
CDR placement at any location
with respect to a hard disk slot.
For example, if hard disk A is
connected to PBC cell 1, while
BYPASS[0]- is left to float high
(see Figure 2), the CDR function
will be performed before entering
the hard disk at slot A. To obtain a
CDR function after slot A (see
Figure 3), connect hard disk A to
PBC cell 0, while floating
BYPASS[1]- high. Refer to Table 1
for both pin connections.
CDR
The Clock and Data Recovery
(CDR) block is responsible for
frequency and phase locking onto
the incoming serial data stream
and resampling the incoming data
based on the recovered clock. An
automatic locking feature allows
the CDR to lock onto the input
data stream without external
AV
CDR
CPLL
1
0
1
0
BLL
EQU
TTL
BLL
EQU
TTL
0
1
TTL
DV
TTL
TTL
TTL


Similar Part No. - HDMP-0422

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-0421 HP-HDMP-0421 Datasheet
161Kb / 12P
   Port Bypass Circuits for Fibre Channel Arbitrated Loop Standard and its Extensions
More results

Similar Description - HDMP-0422

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-0452 HP-HDMP-0452 Datasheet
273Kb / 12P
   Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops
HDMP-0450 HP-HDMP-0450 Datasheet
269Kb / 10P
   Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0440 HP-HDMP-0440 Datasheet
271Kb / 10P
   Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0482 HP-HDMP-0482 Datasheet
149Kb / 12P
   Octal Cell Port Bypass Circuit with CDR and Data Valid Detection
logo
List of Unclassifed Man...
HDMP-0552 ETC1-HDMP-0552 Datasheet
266Kb / 12P
   AGILENT HDMP-0552 QUAD PORT BYPASS CIRCUIT WITH CDR AND DATA VALID DETECTION
logo
Vitesse Semiconductor C...
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
logo
Agilent(Hewlett-Packard...
HDMP-0421 HP-HDMP-0421 Datasheet
161Kb / 12P
   Port Bypass Circuits for Fibre Channel Arbitrated Loop Standard and its Extensions
logo
Maxim Integrated Produc...
MAX3750 MAXIM-MAX3750 Datasheet
517Kb / 6P
   3.3V, 2.125Gbps/1.0625Gbps Fibre Channel Port Bypass ICs
Rev 2; 5/04
logo
Vitesse Semiconductor C...
VSC7127 VITESSE-VSC7127 Datasheet
174Kb / 12P
   Family of Repeater/Retimer and Port Bypass Circuits for Fibre Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com