Electronic Components Datasheet Search |
|
S72NS512PD0AJBGG3 Datasheet(PDF) 10 Page - SPANSION |
|
S72NS512PD0AJBGG3 Datasheet(HTML) 10 Page - SPANSION |
10 / 14 page 8 S72NS-P Based MCPs/PoPs S72NS-P_00_01 September 6, 2006 Data Sheet (Adv ance I nf or mation) 6. Physical Dimensions 6.1 NLC133—133-ball Fine-Pitch Ball Grid Array (FBGA) 11.0 x 10.0 mm 3436 \ 16-039.22 \ 12.09.04 PACKAGE NLC 133 JEDEC N/A D x E 11.0 mm x 10.00 mm PACKAGE SYMBOL MIN NOM MAX NOTE A 0.90 1.00 1.10 PROFILE A1 0.20 0.25 0.30 BALL HEIGHT A2 0.70 0.76 0.82 BODY THICKNESS D 10.9 11.0 11.1 BODY SIZE E 9.9 10.0 10.1 BODY SIZE D1 6.50 BSC. MATRIX FOOTPRINT E1 6.50 BSC. MATRIX FOOTPRINT MD 14 MATRIX SIZE D DIRECTION ME 14 MATRIX SIZE E DIRECTION n 133 BALL COUNT Øb 0.25 0.30 0.35 BALL DIAMETER eE 0.50 BSC. BALL PITCH eD 0.50 BSC BALL PITCH SD / SE 0.25 BSC. SOLDER BALL PLACEMENT D5-D11, E4-E11, F4-F11 DEPOPULATED SOLDER BALLS G4-G11, H4-H11, J4-J11 K4-K11, L4-L11 NOTES: 1. DIMENSIONING AND TOLERANCING METHODS PER ASME Y14.5M-1994. 2. ALL DIMENSIONS ARE IN MILLIMETERS. 3. BALL POSITION DESIGNATION PER JESD 95-1, SPP-010. 4. e REPRESENTS THE SOLDER BALL GRID PITCH. 5. SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE "D" DIRECTION. SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE "E" DIRECTION. n IS THE NUMBER OF POPULTED SOLDER BALL POSITIONS FOR MATRIX SIZE MD X ME. 6 DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL DIAMETER IN A PLANE PARALLEL TO DATUM C. 7 SD AND SE ARE MEASURED WITH RESPECT TO DATUMS A AND B AND DEFINE THE POSITION OF THE CENTER SOLDER BALL IN THE OUTER ROW. WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN THE OUTER ROW SD OR SE = 0.000. WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN THE OUTER ROW, SD OR SE = e/2 8. "+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED BALLS. 9. N/A 10 A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK MARK, METALLIZED MARK INDENTATION OR OTHER MEANS. |
Similar Part No. - S72NS512PD0AJBGG3 |
|
Similar Description - S72NS512PD0AJBGG3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |