Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2005350L Datasheet(PDF) 1 Page - PREMIER DEVICES, INC.

Part # R2005350L
Description  Si Reverse, low current, 5 - 200MHz, 35.2dB typ. Gain @ 200MHz, 140mA max. @ 24VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.

R2005350L Datasheet(HTML) 1 Page - PREMIER DEVICES, INC.

  R2005350L Datasheet HTML 1Page - PREMIER DEVICES, INC. R2005350L Datasheet HTML 2Page - PREMIER DEVICES, INC. R2005350L Datasheet HTML 3Page - PREMIER DEVICES, INC. R2005350L Datasheet HTML 4Page - PREMIER DEVICES, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Specification
R2005350L
Si Reverse, low current, 5 – 200MHz, 35.2dB typ. Gain @ 200MHz, 140mA max. @ 24VDC
Page 1 of 4
2004 Jun 01
Document Revision Level B
FEATURES
Excellent linearity
Superior return loss performance
Extremely low distortion
Optimal reliability
Low noise
Unconditionally stable under all terminations
APPLICATION
5 to 200 MHz CATV amplifier
for reverse channel systems
DESCRIPTION
Hybrid reverse amplifier employing silicon dice
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134)
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
Vi
RF input voltage (single tone)
-
50
dBmV
Vov
DC supply over-voltage (5 minutes)
-
30
V
Tstg
storage temperature
- 40
+ 100
°C
Tmb
operating mounting base temperature
- 30
+ 100
°C
CHARACTERISTICS
Table 1: S-Parameter, Noise Figure, DC Current; VB = 24V; Tmb = 30°C; ZS = ZL = 75 Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
f = 5 MHz
34.5
35.1
35.5
dB
Gp
power gain
f = 200 MHz
34.5
35.2
36.0
dB
SL
slope
1)
f = 5 to 200 MHz
-0.2
0.1
0.5
dB
FL
flatness of frequency
response
f = 5 to 200 MHz
-0.1
0.5
dB
S11
input return loss
f = 5 to 200 MHz
20.0
-
dB
S22
output return loss
f = 5 to 200 MHz
20.0
-
dB
S12
reverse isolation
f = 5 to 200 MHz
-
-42.0
dB
F
noise figure
f = 5 to 200 MHz
-
5.0
dB
Itot
total current
consumption (DC)
140.0
160.0
mA
Notes:
1) The slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency.
R2005350L
Si Reverse Hybrid , low current
5 – 200 MHz
35.2dB typ. Gain @ 200MHz
140mA max. @ 24VDC


Similar Part No. - R2005350L

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
R2005350L RFMD-R2005350L Datasheet
267Kb / 3P
   Si Reverse Hybrid 5MHz to 200MHz (Low Current)
logo
Qorvo, Inc
R2005350L QORVO-R2005350L Datasheet
196Kb / 5P
   CATV Reverse Hybrid 200MHz 35dB
More results

Similar Description - R2005350L

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
R2005300L PDI-R2005300L Datasheet
129Kb / 4P
   Si Reverse, low current, 5 - 200MHz, 30.0dB typ. Gain @ 200MHz, 140mA max. @ 24VDC
R2005280L PDI-R2005280L Datasheet
63Kb / 4P
   Si Reverse, low current, 5 - 200MHz, 28.2dB typ. Gain @ 200MHz, 135mA max. @ 24VDC
R2005240 PDI-R2005240 Datasheet
63Kb / 4P
   Si Reverse, 5 - 200MHz, 24.6dB typ. Gain @ 200MHz, 235A max. @ 24VDC
R1005300L PDI-R1005300L Datasheet
130Kb / 4P
   Si Reverse, low current, 5 - 100MHz, 30.8dB typ. Gain @ 100MHz, 140mA max. @ 24VDC
R1005250L PDI-R1005250L Datasheet
129Kb / 4P
   Si Reverse, low current, 5 - 100MHz, 25.4dB typ. Gain @ 100MHz, 140mA max. @ 24VDC
R3005250L PDI-R3005250L Datasheet
136Kb / 4P
   Si Reverse, low current, 5 - 300MHz, 25.0dB typ. Gain @ 300MHz, 140mA max. @ 24VDC
R0605280L2 PDI-R0605280L2 Datasheet
125Kb / 4P
   Si Reverse, low current, 5 - 65 MHz, 28.0dB typ. Gain @ 65MHz, 140mA max. @ 24VDC
R0605250L2 PDI-R0605250L2 Datasheet
125Kb / 4P
   Si Reverse, low current, 5 - 65 MHz, 25.0dB typ. Gain @ 65MHz, 140mA max. @ 24VDC
R0605300L2 PDI-R0605300L2 Datasheet
125Kb / 4P
   Si Reverse, low current, 5 - 65 MHz, 30.0dB typ. Gain @ 65MHz, 140mA max. @ 24VDC
R2005240P12 PDI-R2005240P12 Datasheet
129Kb / 4P
   GaAs Reverse, 5 - 200MHz, 24.2dB typ. Gain @ 200MHz, 360mA max. @ 12VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com