Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S72NS128PD0KJFLC2 Datasheet(PDF) 3 Page - SPANSION

Part # S72NS128PD0KJFLC2
Description  MirrorBit Flash Memory and DRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S72NS128PD0KJFLC2 Datasheet(HTML) 3 Page - SPANSION

  S72NS128PD0KJFLC2 Datasheet HTML 1Page - SPANSION S72NS128PD0KJFLC2 Datasheet HTML 2Page - SPANSION S72NS128PD0KJFLC2 Datasheet HTML 3Page - SPANSION S72NS128PD0KJFLC2 Datasheet HTML 4Page - SPANSION S72NS128PD0KJFLC2 Datasheet HTML 5Page - SPANSION S72NS128PD0KJFLC2 Datasheet HTML 6Page - SPANSION S72NS128PD0KJFLC2 Datasheet HTML 7Page - SPANSION S72NS128PD0KJFLC2 Datasheet HTML 8Page - SPANSION S72NS128PD0KJFLC2 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
This document contains information on one or more products under development at Spansion Inc. The information is intended to help you evaluate this product. Do not design in
this product without contacting the factory. Spansion Inc. reserves the right to change or discontinue work on this proposed product without notice.
Publication Number S72NS-P_00
Revision 01
Issue Date September 6, 2006
Features
Power supply voltage of 1.7 V to 1.95 V
Burst Speeds
– Flash = 66 MHz, 80 MHz
– DRAM = 133 MHz
Packages
– 11.0 x 10.0 mm, 133-ball MCP
– 8.0 x 8.0 mm, 133-ball MCP
– 12.0 x 12.0 mm, 128-ball PoP
Operating Temperature of –25°C to +85°C
General Description
This document contains information on the S72NS-P MCP stacked products. Refer to the S29NS-P data sheet (S29NS-P_00)
for full electrical specifications of the Flash memory component.
The S72NS Series is a product line of stacked products (MCPs and PoPs), and consists of:
NS family multiplexed Flash memory die
DDR DRAM
The products covered by this document are listed in the tables below.
For detailed specifications, please refer to the individual data sheets.
S72NS-P Based MCPs/PoPs
MirrorBit
Flash Memory and DRAM
128/256/512 Mb (8/16/32 M x 16 bit), 1.8 Volt-only,
Multiplexed Simultaneous Read/Write, Burst Mode Flash
Memory
128/256 Mb (8/16 M x 16 bit) DDR DRAM on Split Bus
Data Sheet (Advance Information)
Flash Density
DRAM Density
128 Mb
256 Mb
128 Mb
S72NS128PD0
256 Mb
S72NS256PD0
512 Mb
S72NS512PD0
S72NS512PE0
Density
Manufacturer
Publication Number
128
DRAM1
SDRAM_03
DRAM5
SDRAM_07
Density
Manufacturer
Publication Number
256
DRAM1
TBD
DRAM5
SDRAM_11


Similar Part No. - S72NS128PD0KJFLC2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72NS128ND0-12 SPANSION-S72NS128ND0-12 Datasheet
584Kb / 17P
   Based MCPs
S72NS128ND0-13 SPANSION-S72NS128ND0-13 Datasheet
584Kb / 17P
   Based MCPs
S72NS128ND0-1J SPANSION-S72NS128ND0-1J Datasheet
584Kb / 17P
   Based MCPs
S72NS128ND0-1K SPANSION-S72NS128ND0-1K Datasheet
584Kb / 17P
   Based MCPs
S72NS128ND0AFW120 SPANSION-S72NS128ND0AFW120 Datasheet
584Kb / 17P
   Based MCPs
More results

Similar Description - S72NS128PD0KJFLC2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S75NS128NDE SPANSION-S75NS128NDE Datasheet
5Mb / 211P
   1.8 Volt-only, Stacked Multi-Chip Product (MCP) x16 MirrorBit Flash Memory and DRAM
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
   MirrorBit Flash Family
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
S29GL512S11TFIV20 SPANSION-S29GL512S11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Fam
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
AM70PDL127CDH SPANSION-AM70PDL127CDH Datasheet
1Mb / 127P
   Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
AM70PDLI27BDH SPANSION-AM70PDLI27BDH Datasheet
2Mb / 128P
   Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
S29GL-A SPANSION-S29GL-A Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com