Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFCFF5SA105BY Datasheet(PDF) 4 Page - ITT Industries

Part # TFCFF5SA105BY
Description  Miniature Snap-acting Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TFCFF5SA105BY Datasheet(HTML) 4 Page - ITT Industries

  TFCFF5SA105BY Datasheet HTML 1Page - ITT Industries TFCFF5SA105BY Datasheet HTML 2Page - ITT Industries TFCFF5SA105BY Datasheet HTML 3Page - ITT Industries TFCFF5SA105BY Datasheet HTML 4Page - ITT Industries TFCFF5SA105BY Datasheet HTML 5Page - ITT Industries TFCFF5SA105BY Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
K–8
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
K
ACTUATOR
C&K TF Series
Miniature Snap-acting Switches
NOTE: Switch characteristics chart on following page.
.19 dia.
(4,8Ø)
.810 ± .075
(20,57 ± 1,91)
.54
(13,7)
1.56
(39,6)
2
A25
.19 dia.
(4,8Ø)
.810 ± .030
(20,57 ± 0,76)
.32
(8,1)
1.34
(34,0)
2
A15
.19 dia.
(4,8Ø)
.810 ± .020
(20,57 ± 0,51)
.32
(8,1)
.81
(20,6)
2
A10
.578 ± .015
(14,68 ± 0,38)
.80
(20,3)
1
P00
DIM. D
DIM. C
DIM. B
DIM. A
FIG.
OPTION CODE
2
A20
1.05
(26,7)
.54
(13,7)
.810 ± .050
(20,57)± 1,27
.19 dia.
(4,8Ø)
.600 ± .020
(15,24 ± 0,51)
.32
(8,1)
.84
(21,3)
3
T10
.600 ± .040
(15,24 ± 1,02)
.32
(8,1)
1.40
(35,6)
3
T15
.600 ± .065
(15,24 ± 1,65)
.32
(8,1)
2.34
(59,4)
3
T16
.600 ± .080
(15,24 ± 2,03)
.32
(8,1)
2.75
(69,9)
3
T18
.600 ± .050
(15,24 ± 1,27)
.54
(13,7)
1.10
(27,9)
3
T20
.600 ± .070
(15,24 ± 1,78)
.54
(13,7)
1.62
(41,1)
3
T25
.600 ± .150
(15,24 ± 3,81)
.54
(13,7)
2.57
(65,3)
3
T26
T28
2.97
(75,4)
3
.54
(13,7)
.600 ± .187
(15,24 ) ± 4,75
.635 ± .015
(16,13 ± 0,38)
.80
(20,3)
5
WP0
± .030
± 0,76)
.19 dia.
(4,8Ø)
.810
(20,57
.32
(8,1)
1.34
(34,0)
4
T13
.19 dia.
(6,4Ø)
.730 ± .030
(18,54 ± 0,76)
.32
(8,1)
1.29
(32,8)
4
T14
.19 dia.
(4,8Ø)
.810 ± .065
(20,57 ± 1,65)
.54
(13,7)
1.56
(39,6)
4
T23
T24
1.50
(38,1)
4
.54
(13,9)
.730 ± .060
(18,54)± 1,52
.25 dia.
(6,4Ø)


Similar Part No. - TFCFF5SA105BY

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TFC TRANSKO-TFC Datasheet
328Kb / 2P
   CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 2.0mm)
Rev 3: 03-02-2023
logo
Samtec, Inc
TFC-103-X1-F-D-A SAMTEC-TFC-103-X1-F-D-A Datasheet
324Kb / 1P
   (1.27 mm) .050
TFC-103-X1-F-D-FR SAMTEC-TFC-103-X1-F-D-FR Datasheet
324Kb / 1P
   (1.27 mm) .050
TFC-103-X1-F-D-K SAMTEC-TFC-103-X1-F-D-K Datasheet
324Kb / 1P
   (1.27 mm) .050
TFC-103-X1-F-D-LC SAMTEC-TFC-103-X1-F-D-LC Datasheet
324Kb / 1P
   (1.27 mm) .050
More results

Similar Description - TFCFF5SA105BY

ManufacturerPart #DatasheetDescription
logo
C&K Components
TFCJJ6SP0040C CK-COMPONENTS-TFCJJ6SP0040C Datasheet
225Kb / 6P
   Miniature Snap-acting Switches
TMCGD6SP0040C CK-COMPONENTS-TMCGD6SP0040C Datasheet
225Kb / 6P
   Miniature Snap-acting Switches
TFSERIESSNAP CK-COMPONENTS-TFSERIESSNAP Datasheet
213Kb / 7P
   Miniature Snap-acting Switches
TF2 CK-COMPONENTS-TF2 Datasheet
269Kb / 6P
   Miniature Snap-acting Switches
logo
ITT Industries
TMCGD6SP0040C ITT-TMCGD6SP0040C Datasheet
307Kb / 6P
   Miniature Snap-acting Switches
MMGGD1P0C ITT-MMGGD1P0C Datasheet
270Kb / 3P
   Miniature Subminiature Precision Snap-acting Switches
logo
C&K Components
TFS CK-COMPONENTS-TFS Datasheet
368Kb / 8P
   Splash Proof Miniature Snap-acting Switches
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
logo
C&K Components
ZMSM CK-COMPONENTS-ZMSM Datasheet
224Kb / 4P
   Subminiature Snap-acting Switches
logo
ITT Industries
ZMA00A150P00PC ITT-ZMA00A150P00PC Datasheet
274Kb / 3P
   Subminiature Snap-acting Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com