Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D10040200GTH Datasheet(PDF) 3 Page - PREMIER DEVICES, INC.

Part # D10040200GTH
Description  GaAs Power Doubler, 40 - 1000MHz, 20.0dB min. Gain @ 1GHz, High, 440mA max. @ 24VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.

D10040200GTH Datasheet(HTML) 3 Page - PREMIER DEVICES, INC.

  D10040200GTH Datasheet HTML 1Page - PREMIER DEVICES, INC. D10040200GTH Datasheet HTML 2Page - PREMIER DEVICES, INC. D10040200GTH Datasheet HTML 3Page - PREMIER DEVICES, INC. D10040200GTH Datasheet HTML 4Page - PREMIER DEVICES, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product Specification
D10040200GTH
GaAs Power Doubler, 40 – 1000MHz, 20.0dB min. Gain @ 1GHz, High, 440mA max. @ 24VDC
123 4 5 6 7
89
Pinning:
min
max
A44,4
B13,4
C19,9
D
7,85
8,15
E
12,45
12,75
F37,9
G
3,95
4,2
H3,8
I25,2
J-
K4,0
L27,0
M11,1
N5,4
O
0,23
0,27
P
0,42
0,48
Q
2,24
2,84
R
2,04
3,04
S
2,29
2,79
T
4,83
5,33
U
4,83
5,33
nominal
44,6
±0,2
13,6
±0,2
20,4
±0,5
8
±0,15
12,6
±0,15
38,1
±0,2
4
±0,2
25,4
±0,2
4
+0,2 / -0,05
UNC 6-32
4,2
±0,2
27,2
±0,2
11,6
±0,5
5,8
±0,4
0,25
±0,02
0,45
±0,03
2,54
±0,3
2,54
±0,5
2,54
±0,25
5,08
±0,25
5,08
±0,25
44,8
13,8
20,9
38,3
4,2
25,6
-
4,4
27,4
12,1
6,2
All Dimensions in mm:
European
Projection
Notes:
510mm
0
scale
123 5 7 8 9
R
O
Q
M
510mm
0
scale
B
N
L
F
A
D
H
øG
T
S
P
J
U
I
E
C
K
Page 3 of 4
2005 Jan 11
Document Revision Level A


Similar Part No. - D10040200GTH

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
D10040200GTH RFMD-D10040200GTH Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
logo
Qorvo, Inc
D10040200GTH QORVO-D10040200GTH Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
More results

Similar Description - D10040200GTH

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
D10040200GT PDI-D10040200GT Datasheet
126Kb / 4P
   GaAs Power Doubler, 40 - 1000MHz, 20.0dB min. Gain @ 1GHz, 375mA max. @ 24VDC
D10040270GTH PDI-D10040270GTH Datasheet
134Kb / 4P
   GaAs Power Doubler, 40 - 1000MHz, 27.0dB min. Gain @ 1GHz, 440mA max. @ 24VDC
D10040250GTH PDI-D10040250GTH Datasheet
155Kb / 4P
   GaAs Power Doubler, 40 - 1000MHz, 24.5dB min. Gain @ 1GHz, High, 440mA max. @ 24VDC
D10040220GTH PDI-D10040220GTH Datasheet
226Kb / 4P
   GaAs Power Doubler, 40 - 1000MHz, 22.5dB min. Gain @ 1GHz, High, 440mA max. @ 24VDC
D10040180GTH PDI-D10040180GTH Datasheet
134Kb / 4P
   GaAs Power Doubler, 40 - 1000MHz, 19.0dB min. Gain @ 1GHz, 440mA max. @ 24VDC
D10040240GTH PDI-D10040240GTH Datasheet
225Kb / 4P
   GaAs Power Doubler, 40 - 1000MHz, 24.0dB min. Gain @ 1GHz, High, 440mA max. @ 24VDC
D10040270GT PDI-D10040270GT Datasheet
134Kb / 4P
   GaAs Power Doubler, 40 - 1000MHz, 27.0dB min. Gain @ 1GHz, 375mA max. @ 24VDC
D10040240GT PDI-D10040240GT Datasheet
126Kb / 4P
   GaAs Power Doubler, 40 - 1000MHz, 24.0dB min. Gain @ 1GHz, 375mA max. @ 24VDC
D10040180GT PDI-D10040180GT Datasheet
143Kb / 4P
   GaAs Power Doubler, 40 - 1000MHz, 19.0dB min. Gain @ 1GHz, 375mA max. @ 24VDC
D10040220GT PDI-D10040220GT Datasheet
135Kb / 4P
   GaAs Power Doubler, 40 - 1000MHz, 22.5dB min. Gain @ 1GHz, 375mA max. @ 24VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com