Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-428-DFC-A4P9A Datasheet(PDF) 2 Page - Vectron International, Inc

Part # FX-428-DFC-A4P9A
Description  Low Jitter Frequency Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-428-DFC-A4P9A Datasheet(HTML) 2 Page - Vectron International, Inc

  FX-428-DFC-A4P9A Datasheet HTML 1Page - Vectron International, Inc FX-428-DFC-A4P9A Datasheet HTML 2Page - Vectron International, Inc FX-428-DFC-A4P9A Datasheet HTML 3Page - Vectron International, Inc FX-428-DFC-A4P9A Datasheet HTML 4Page - Vectron International, Inc FX-428-DFC-A4P9A Datasheet HTML 5Page - Vectron International, Inc FX-428-DFC-A4P9A Datasheet HTML 6Page - Vectron International, Inc FX-428-DFC-A4P9A Datasheet HTML 7Page - Vectron International, Inc FX-428-DFC-A4P9A Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FX-427 Low Jitter Frequency Translator
Vectron International, 267 Lowell Road, Hudson, NH 03051
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 2 of 8
Rev: 8Nov06
Table 1. Electrical Performance
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Frequency
Input Frequency
Capture Range
Output Frequency - Primary
Output Frequency - Secondary
FIN
APR
FOUT1
FOUT2
0.008
±40
500
125
200
850
850
MHz
ppm
MHz
MHz
1,2,3
1,2,3
1,2,3
1,2,3
Supply
Voltage
Current (No Load)
VCC
ICC
3.13
3.3
140
3.46
180
V
mA
2,3
3
Input Signal
CMOS
LVDS
LVPECL
FIN
FIN
FIN
CMOS
LVDS
LVPECL
2,3
Differential Output (Options F and P)
Common Mode Output Voltage
DC Output High Voltage
DC Output Low Voltage
Peak-to-Peak Output Voltage
Rise Time
Fall Time
Symmetry
VOCM
VOH
VOL
VP-P
tR
tF
SYM
VCC-1.5
VCC-1.085
VCC-1.830
45
VCC-1.3
VCC-0.950
VCC-1.700
700
0.5
0.5
50
VCC-1.1
VCC-0.880
VCC-1.620
55
V
V
V
mV-pp
ns
ns
%
3,5
3,5
3,5
3,5
4,5
4,5
2,3
SSB Phase Noise, FOUT = 155.52/622.08
@ 10 Hz Offset
@ 100 Hz Offset
@ 1 kHz Offset
@ 10 kHz Offset
@ 100 kHz Offset
@ 1 MHz Offset
@ 10 MHz Offset
Φ
n
Φ
n
Φ
n
Φ
n
Φ
n
Φ
n
Φ
n
-64/-27
-95/-55
-123/-85
-143/-110
-146/-130
-146/-146
-146/-146
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
5,6
Jitter Generation
155.52 MHz (12 kHz – 20 MHz BW)
622.08 MHz (12 kHz – 20 MHz BW)
Φ
J
Φ
J
0.30
0.12
ps RMS
ps RMS
5, 6
Operating Temperature (Options C or F)
TOP
0° to 70° or -40 to +85°
°C
1,3
1. See Standard Frequencies and Ordering Information.
2. Parameters are tested with production test circuit below (Fig 2).
3. Parameters are tested at ambient temperature with test limits guard banded for specified operating temperature.
4. Measured from 20% to 80% of a full output swing (Fig 3).
5. Not tested in production, guaranteed by design, verified at qualification.
6. The FX-427 phase noise and jitter performance can be optimized for specific applications. Please consult with Vectron’s Application
Engineers for more information.
Figure 2. Test Circuit
Figure 3. LVPECL Waveform


Similar Part No. - FX-428-DFC-A4P9A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
148Kb / 9P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
499Kb / 8P
   Low Jitter Frequency Translator
FX-424-DAC-A1C1 VECTRON-FX-424-DAC-A1C1 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-424-DAC-A2C1 VECTRON-FX-424-DAC-A2C1 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
More results

Similar Description - FX-428-DFC-A4P9A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_06 Datasheet
112Kb / 6P
   Low Jitter Frequency Translator
FX-400 VECTRON-FX-400_11 Datasheet
624Kb / 10P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_09 Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700_09 Datasheet
283Kb / 7P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500 Datasheet
1,013Kb / 6P
   Low Jitter Frequency Translator
FX-400-EAE-K VECTRON-FX-400-EAE-K Datasheet
365Kb / 9P
   Low Jitter Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com