Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1882-33CDM Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX1882-33CDM
Description  Charge Pump Doubler with Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1882-33CDM Datasheet(HTML) 3 Page - Microsemi Corporation

  LX1882-33CDM Datasheet HTML 1Page - Microsemi Corporation LX1882-33CDM Datasheet HTML 2Page - Microsemi Corporation LX1882-33CDM Datasheet HTML 3Page - Microsemi Corporation LX1882-33CDM Datasheet HTML 4Page - Microsemi Corporation LX1882-33CDM Datasheet HTML 5Page - Microsemi Corporation LX1882-33CDM Datasheet HTML 6Page - Microsemi Corporation LX1882-33CDM Datasheet HTML 7Page - Microsemi Corporation LX1882-33CDM Datasheet HTML 8Page - Microsemi Corporation LX1882-33CDM Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
2000
Rev. 1.0c, 2002-08-01
LX1882
Charge Pump Doubler with Linear Regulator
PRODUCTION DATA SHEET
I N T E GR A T ED
PRO DUC T S
SIMPLIFIED BLOCK DIAGRAM
CHARGE
PUMP
7
5
4
Power
-On
Reset
550kHz
OSC
1
LED
N+1
8
3
6
2
V
IN
1.8V to 4.4V
LDO
V
OUT
OFF ON
C3
C4
C2
C1
1:100
SHD
SHD
RG
CLK
1.175
Vref
VIN
SDRG
SD2
SD2
RG
TSD
C+
GND
FB
C-
CPO
Figure 1 – LX1882-00 Block Diagram


Similar Part No. - LX1882-33CDM

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1882-33CDM MICROSEMI-LX1882-33CDM Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
LX1882-33CDM-TR MICROSEMI-LX1882-33CDM-TR Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
More results

Similar Description - LX1882-33CDM

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1882 MICROSEMI-LX1882_05 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
logo
Linear Technology
LTC1928-5 LINER-LTC1928-5 Datasheet
157Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
LTC1928-5 LINER-LTC1928-5_15 Datasheet
166Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
LTC1682 LINER-LTC1682_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-3.3 LINER-LTC1682-3.3_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
logo
New Japan Radio
NJW4190 NJRC-NJW4190_13 Datasheet
72Kb / 7P
   Doubler Charge Pump IC
logo
Linear Technology
LTC1682-5 LINER-LTC1682-5_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682 LINER-LTC1682 Datasheet
186Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC3035 LINER-LTC3035 Datasheet
218Kb / 12P
   300mA VLDO Linear Regulator with Charge Pump Bias Generator
logo
Semtech Corporation
SC1462A SEMTECH-SC1462A Datasheet
182Kb / 9P
   High Efficency Charge Pump Doubler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com