Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS5420D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBSS5420D
Description  20 V, 4 A PNP low VCEsat (BISS) transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS5420D Datasheet(HTML) 3 Page - NXP Semiconductors

  PBSS5420D Datasheet HTML 1Page - NXP Semiconductors PBSS5420D Datasheet HTML 2Page - NXP Semiconductors PBSS5420D Datasheet HTML 3Page - NXP Semiconductors PBSS5420D Datasheet HTML 4Page - NXP Semiconductors PBSS5420D Datasheet HTML 5Page - NXP Semiconductors PBSS5420D Datasheet HTML 6Page - NXP Semiconductors PBSS5420D Datasheet HTML 7Page - NXP Semiconductors PBSS5420D Datasheet HTML 8Page - NXP Semiconductors PBSS5420D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
9397 750 14027
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 7 April 2005
3 of 16
Philips Semiconductors
PBSS5420D
20 V, 4 A PNP low VCEsat (BISS) transistor
[1]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
[4]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 6 cm2.
[5]
Operated under pulsed conditions: Duty cycle
δ≤ 10 % and pulse width tp ≤ 10 ms.
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
(1) Ceramic PCB, Al2O3, standard footprint
(2) FR4 PCB; 6 cm2 collector mounting pad
(3) FR4 PCB; 1 cm2 collector mounting pad
(4) FR4 PCB; standard footprint
Fig 1.
Power derating curves
Table 5:
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
(1)
Tamb (°C)
−75
175
125
25
75
−25
006aaa270
800
400
1200
1600
Ptot
(mW)
0
(2)
(4)
(3)


Similar Part No. - PBSS5420D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5420D NXP-PBSS5420D Datasheet
124Kb / 14P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 02-29 September 2008
logo
Nexperia B.V. All right...
PBSS5420D NEXPERIA-PBSS5420D Datasheet
246Kb / 15P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 02 - 29 September 2008
logo
NXP Semiconductors
PBSS5420D PHILIPS-PBSS5420D_15 Datasheet
131Kb / 14P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 02-29 September 2008
More results

Similar Description - PBSS5420D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5420D PHILIPS-PBSS5420D_15 Datasheet
131Kb / 14P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 02-29 September 2008
PBSS5420D NXP-PBSS5420D Datasheet
124Kb / 14P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 02-29 September 2008
PBSS301PD NXP-PBSS301PD Datasheet
135Kb / 14P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 03-17 December 2007
logo
Nexperia B.V. All right...
PBSS301PD NEXPERIA-PBSS301PD Datasheet
250Kb / 15P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 03 - 17 December 2007
PBSS5420D NEXPERIA-PBSS5420D Datasheet
246Kb / 15P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 02 - 29 September 2008
PBSS4021SP NEXPERIA-PBSS4021SP Datasheet
1Mb / 15P
   20 V, 6.3 A PNP/PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS302PZ NXP-PBSS302PZ Datasheet
172Kb / 14P
   20 V, 5.5 A PNP low VCEsat (BISS) transistor
Rev. 02-20 November 2009
PBSS5520X NXP-PBSS5520X Datasheet
208Kb / 13P
   20 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 08
PBSS5120T PHILIPS-PBSS5120T Datasheet
47Kb / 7P
   20 V, 1 A PNP low VCEsat (BISS) transistor
2003 Sep 29
PBSS5220V PHILIPS-PBSS5220V_15 Datasheet
182Kb / 13P
   20 V, 2 A PNP low VCEsat (BISS) transistor
Rev. 03-14 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com