Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAPGM0035S-DIE Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAAPGM0035S-DIE
Description  Amplifier, Power, S/C-Band, 1.6W (2.5-5.5 GHz)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPGM0035S-DIE Datasheet(HTML) 4 Page - Tyco Electronics

  MAAPGM0035S-DIE Datasheet HTML 1Page - Tyco Electronics MAAPGM0035S-DIE Datasheet HTML 2Page - Tyco Electronics MAAPGM0035S-DIE Datasheet HTML 3Page - Tyco Electronics MAAPGM0035S-DIE Datasheet HTML 4Page - Tyco Electronics MAAPGM0035S-DIE Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Amplifier, Power, S/C-Band, 1.6W
2.5-5.5 GHz
MAAPGM0035S-DIE
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
903179 —
Preliminary Information
4
Mechanical Information
Chip Size: 3.000 x 3.000 x 0.075 mm
(118 x 118 x 3 mils)
Figure 5. Die Layout
Pad
Size (
μm)
RF In and Out
100 x 200
DC Drain Supply Voltage VDD
300 x 150
DC Gate Supply Voltage VGG
150 x 100
Size (mils)
4 x 8
12 x 6
6 x 4
Bond Pad Dimensions


Similar Part No. - MAAPGM0035S-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0035S MACOM-MAAPGM0035S Datasheet
228Kb / 5P
   2.5-5.5 GHz 1.6W Power Amplifier
More results

Similar Description - MAAPGM0035S-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0035 MACOM-MAAPGM0035 Datasheet
2Mb / 6P
   1.6W S/C-Band Power Amplifier 2.5-5.5 GHz
MAAPGM0035S MACOM-MAAPGM0035S Datasheet
228Kb / 5P
   2.5-5.5 GHz 1.6W Power Amplifier
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003_08 Datasheet
287Kb / 9P
   Amplifier, Power, 1.6W,7.7.11.7 GHz
MAAP-000070-PKG003 MACOM-MAAP-000070-PKG003 Datasheet
203Kb / 4P
   Amplifier, Power, 1.6W 10.0-13.25 GHz
logo
Toshiba Semiconductor
TA4401CT TOSHIBA-TA4401CT Datasheet
230Kb / 11P
   1.9 ~ 2.5 GHz Band Power Amplifier
logo
Tyco Electronics
MAAP-000071-PKG003 MACOM-MAAP-000071-PKG003 Datasheet
202Kb / 4P
   Amplifier, Power, 1.6W 12.75-15.35 GHz
logo
Silicon Storage Technol...
SST13LP01 SST-SST13LP01 Datasheet
376Kb / 27P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02 SST-SST13LP02 Datasheet
632Kb / 25P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
logo
Microchip Technology
SST13LP05 MICROCHIP-SST13LP05 Datasheet
424Kb / 24P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
2012
logo
Silicon Storage Technol...
SST13LP05 SST-SST13LP05 Datasheet
945Kb / 24P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com