Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAPGM0046-DIE Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAAPGM0046-DIE
Description  400mW Ku-Band Power Amplifier (15.5-18.0 GHz)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPGM0046-DIE Datasheet(HTML) 4 Page - Tyco Electronics

  MAAPGM0046-DIE Datasheet HTML 1Page - Tyco Electronics MAAPGM0046-DIE Datasheet HTML 2Page - Tyco Electronics MAAPGM0046-DIE Datasheet HTML 3Page - Tyco Electronics MAAPGM0046-DIE Datasheet HTML 4Page - Tyco Electronics MAAPGM0046-DIE Datasheet HTML 5Page - Tyco Electronics MAAPGM0046-DIE Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
400mW Ku-Band Power Amplifier
MAAPGM0046-DIE
RO-P-DS-3066 - -
4/6
Specifications subject to change without notice.
Email: macom_adbu_ics@tycoelectronics.com
North America: Tel. (800) 366-2266
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
Figure 3. 1dB Compression Point vs. Drain Voltage
5
10
15
20
25
30
35
40
15.0
15.5
16.0
16.5
17.0
17.5
18.0
Frequency (GHz)
VDD = 4
VDD = 6
VDD = 8
VDD = 10
Figure 4. Small Signal Gain and VSWR vs. Frequency at VDD = 8V.
5
10
15
20
25
30
15.0
15.5
16.0
16.5
17.0
17.5
18.0
Frequency (GHz)
1
2
3
4
5
6
GAIN
INPUT VSW R
OUTPUT VSW R


Similar Part No. - MAAPGM0046-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0040 MACOM-MAAPGM0040 Datasheet
215Kb / 6P
   11.0-15.0 GHz 0.5 W Power Amplifier
MAAPGM0041 MACOM-MAAPGM0041 Datasheet
216Kb / 5P
   Amplifier, Power, 1.3W 11.5 - 15.0 GHz
MAAPGM0041-DIE MACOM-MAAPGM0041-DIE Datasheet
257Kb / 6P
   1.3W X/Ku-Band Power Amplifier 11.0-15.0 GHz
MAAPGM0042-DIE MACOM-MAAPGM0042-DIE Datasheet
424Kb / 6P
   1.2W X/Ku-Band Power Amplifier 11.5-16.0 GHz
MAAPGM0044-DIE MACOM-MAAPGM0044-DIE Datasheet
255Kb / 5P
   Amplifier, Power, 0.5W 11.5-16.5 GHz
More results

Similar Description - MAAPGM0046-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0018-DIE MACOM-MAAPGM0018-DIE Datasheet
330Kb / 6P
   2W Ku-Band Power Amplifier 12.0-15.5 GHz
logo
Qorvo, Inc
QPB1316 QORVO-QPB1316 Datasheet
603Kb / 10P
   13.4 ??15.5 GHz Ku-Band GaN SSPA
logo
TriQuint Semiconductor
TGA2533-SM TRIQUINT-TGA2533-SM_15 Datasheet
878Kb / 13P
   Ku-Band Power Amplifier
TGA2527-SM TRIQUINT-TGA2527-SM Datasheet
563Kb / 13P
   Ku-Band Power Amplifier
TGA2533 TRIQUINT-TGA2533 Datasheet
429Kb / 11P
   Ku-Band Power Amplifier
TGA2527-SM TRIQUINT-TGA2527-SM_15 Datasheet
763Kb / 13P
   Ku-Band Power Amplifier
TGA2533 TRIQUINT-TGA2533_15 Datasheet
429Kb / 11P
   Ku-Band Power Amplifier
TGA2524-SM TRIQUINT-TGA2524-SM_15 Datasheet
878Kb / 14P
   Ku-Band Power Amplifier
TGA1045 TRIQUINT-TGA1045 Datasheet
234Kb / 2P
   Ku Band Power Amplifier
logo
Tyco Electronics
MAAPGM0016-DIE MACOM-MAAPGM0016-DIE Datasheet
266Kb / 5P
   5W Ku-Band Power Amplifier 12.0-15.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com