Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29CD032G0MQFM112 Datasheet(PDF) 11 Page - SPANSION

Part # S29CD032G0MQFM112
Description  32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G0MQFM112 Datasheet(HTML) 11 Page - SPANSION

Back Button S29CD032G0MQFM112 Datasheet HTML 7Page - SPANSION S29CD032G0MQFM112 Datasheet HTML 8Page - SPANSION S29CD032G0MQFM112 Datasheet HTML 9Page - SPANSION S29CD032G0MQFM112 Datasheet HTML 10Page - SPANSION S29CD032G0MQFM112 Datasheet HTML 11Page - SPANSION S29CD032G0MQFM112 Datasheet HTML 12Page - SPANSION S29CD032G0MQFM112 Datasheet HTML 13Page - SPANSION S29CD032G0MQFM112 Datasheet HTML 14Page - SPANSION S29CD032G0MQFM112 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
November 14, 2005 S29CD-G_00_B0
S29CD-G Flash Family
9
Pr el im i n a r y
Product Selector Guide
Part Number
S29CD-G Flash Family
(S29CD032G, S29CD016G)
Standard Voltage Range: VCC = 2.5 – 2.75 V
VIO = 1.65 – 2.75 V
Synchronous/Burst or Asynchronous
Speed Option (Clock Rate)
0R
(75 MHz)
(32 Mb Only)
0P
(66 MHz)
0M
(56 MHz)
0J
(40 MHz)
Max Initial/Asynchronous Access Time, ns (tACC)
48
54
64
67
Max Burst Access Delay (ns)
7.5 FBGA
9 FBGA/
9.5 PQFP
10 FBGA/
10 PQFP
17
Max Clock Rate (MHz)
75
66
56
40
Min Initial Clock Delay (clock cycles)
3
3
3
2
Max CE# Access, ns (tCE)
52
58
69
71
Max OE# Access, ns (tOE)
20
28


Similar Part No. - S29CD032G0MQFM112

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD032G0MQAI000 SPANSION-S29CD032G0MQAI000 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD032G0MQAI002 SPANSION-S29CD032G0MQAI002 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD032G0MQAI003 SPANSION-S29CD032G0MQAI003 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD032G0MQAI010 SPANSION-S29CD032G0MQAI010 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD032G0MQAI012 SPANSION-S29CD032G0MQAI012 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
More results

Similar Description - S29CD032G0MQFM112

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016J SPANSION-S29CD016J Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29CD-J SPANSION-S29CD-J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
logo
Advanced Micro Devices
AM29BDD160G AMD-AM29BDD160G Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDD160G AMD-AM29BDD160G_06 Datasheet
1Mb / 79P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29JL032J70TFI420 SPANSION-S29JL032J70TFI420 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com