Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCJD6VA1010Y Datasheet(PDF) 2 Page - ITT Industries

Part # TMCJD6VA1010Y
Description  Miniature Snap-acting Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TMCJD6VA1010Y Datasheet(HTML) 2 Page - ITT Industries

  TMCJD6VA1010Y Datasheet HTML 1Page - ITT Industries TMCJD6VA1010Y Datasheet HTML 2Page - ITT Industries TMCJD6VA1010Y Datasheet HTML 3Page - ITT Industries TMCJD6VA1010Y Datasheet HTML 4Page - ITT Industries TMCJD6VA1010Y Datasheet HTML 5Page - ITT Industries TMCJD6VA1010Y Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
K–12
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
K
C&K TM Series
Miniature Snap-acting Switches
SERIES
OPERATING FORCE
ELECTRICAL RATING
TM
MINIATURE SNAP-ACTING SWITCHES – SP MOMENTARY
All models
with all options.
Contact Customer Service Center for availability and delivery of nonstandard ratings.
* Low Level=conditions where no arcing occurs during switching, i.e.,
0.4 VA max. @ 20 V AC or DC max.
1.76
50
CF
5.29
150
CJ
2.65
75
CG
BASIC SWITCH
OPERATING FORCE
(OZ./GRAMS)
OPTION CODE
Operating Force option ‘CF’ not available with ‘T18, T27 and T28’
actuator options. Operating force varies with actuator option,
see ACTUATOR option section.
OPTION CODE
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
MOVABLE
CONTACT
STATIONARY
CONTACT
ELECTRICAL RATING
D6
Yes
Yes
Fine Silver
Fine Silver
10 AMPS @ 125 & 250 V AC; 1/3 HP @ 125 & 250 V AC; 1/2 AMP @
125 V DC; 1/4 AMP @ 250 V DC.
F5
Yes
Yes
Gold alloy
Gold alloy
From low level* to 1 AMP @ 125 V AC, 1 AMP @ 30 V DC.
G6
Yes
Yes
15 AMPS @ 125 & 250 V AC; 0.25 AMP @ 250 V DC; 0.5 AMP @
125 V DC; 1/2 HP @ 125 & 250 V AC; 3 AMPS @ 125 V AC “L”.
H3
Yes
Yes
5 AMPS @ 250 V AC; 1/6 HP @ 125 & 250 V AC.
CONTACT MATERIAL
Fine Silver
Fine Silver
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.


Similar Part No. - TMCJD6VA1010Y

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMCJ HOLYSTONECAPS-TMCJ Datasheet
46Kb / 1P
   TANTALUM ELECTROLYTIC CAPACITORS
logo
Vishay Siliconix
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCJ0E106MTRF VISHAY-TMCJ0E106MTRF Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCJ0E156MTRF VISHAY-TMCJ0E156MTRF Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCJ0E226MTRF VISHAY-TMCJ0E226MTRF Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
More results

Similar Description - TMCJD6VA1010Y

ManufacturerPart #DatasheetDescription
logo
C&K Components
TFCJJ6SP0040C CK-COMPONENTS-TFCJJ6SP0040C Datasheet
225Kb / 6P
   Miniature Snap-acting Switches
TMCGD6SP0040C CK-COMPONENTS-TMCGD6SP0040C Datasheet
225Kb / 6P
   Miniature Snap-acting Switches
TFSERIESSNAP CK-COMPONENTS-TFSERIESSNAP Datasheet
213Kb / 7P
   Miniature Snap-acting Switches
TF2 CK-COMPONENTS-TF2 Datasheet
269Kb / 6P
   Miniature Snap-acting Switches
logo
ITT Industries
TFCJJ6SP0040C ITT-TFCJJ6SP0040C Datasheet
308Kb / 6P
   Miniature Snap-acting Switches
MMGGD1P0C ITT-MMGGD1P0C Datasheet
270Kb / 3P
   Miniature Subminiature Precision Snap-acting Switches
logo
C&K Components
TFS CK-COMPONENTS-TFS Datasheet
368Kb / 8P
   Splash Proof Miniature Snap-acting Switches
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
logo
C&K Components
ZMSM CK-COMPONENTS-ZMSM Datasheet
224Kb / 4P
   Subminiature Snap-acting Switches
logo
ITT Industries
ZMA00A150P00PC ITT-ZMA00A150P00PC Datasheet
274Kb / 3P
   Subminiature Snap-acting Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com