Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL512P13FFI010 Datasheet(PDF) 9 Page - SPANSION

Part # S29GL512P13FFI010
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL512P13FFI010 Datasheet(HTML) 9 Page - SPANSION

Back Button S29GL512P13FFI010 Datasheet HTML 5Page - SPANSION S29GL512P13FFI010 Datasheet HTML 6Page - SPANSION S29GL512P13FFI010 Datasheet HTML 7Page - SPANSION S29GL512P13FFI010 Datasheet HTML 8Page - SPANSION S29GL512P13FFI010 Datasheet HTML 9Page - SPANSION S29GL512P13FFI010 Datasheet HTML 10Page - SPANSION S29GL512P13FFI010 Datasheet HTML 11Page - SPANSION S29GL512P13FFI010 Datasheet HTML 12Page - SPANSION S29GL512P13FFI010 Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
November 21, 2006 S29GL-P_00_A3
S29GL-P MirrorBit
TM Flash Family
7
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
3.
Block Diagram
Figure 3.1 S29GL-P Block Diagram
4.
Physical Dimensions/Connection Diagrams
This section shows the I/O designations and package specifications for the S29GL-P.
4.1
Related Documents
The following documents contain information relating to the S29GL-P devices. Click on the title or go to
www.spansion.com download the PDF file, or request a copy from your sales office.
Considerations for X-ray Inspection of Surface-Mounted Flash Integrated Circuits
4.2
Special Handling Instructions for BGA Package
Special handling is required for Flash Memory products in BGA packages.
Flash memory devices in BGA packages may be damaged if exposed to ultrasonic cleaning m ethods. The
package and/or data integrity may be compromised if the package body is exposed to temperatures above
150°C for prolonged periods of time.
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
VCC
VSS
VIO
WE#
WP#/ACC
BYTE#
CE#
OE#
STB
STB
DQ15DQ0 (A-1)
Sector Switches
RY/BY#
RESET#
Data
Latch
Y-Gating
Cell Matrix
AMax**–A0
** AMax GL01GP=A25, AMax GL512P = A24, AMax GL256P = A23, AMax GL128P = A22


Similar Part No. - S29GL512P13FFI010

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL512P10FAI010 SPANSION-S29GL512P10FAI010 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P10FAI012 SPANSION-S29GL512P10FAI012 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P10FAIR10 SPANSION-S29GL512P10FAIR10 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P10FAIR12 SPANSION-S29GL512P10FAIR12 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P10FAIV10 SPANSION-S29GL512P10FAIV10 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results

Similar Description - S29GL512P13FFI010

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL-P SPANSION-S70GL-P Datasheet
455Kb / 13P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL02GP SPANSION-S70GL02GP Datasheet
313Kb / 14P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GLXXXM SPANSION-S29GLXXXM Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S29GL-M SPANSION-S29GL-M Datasheet
4Mb / 116P
   256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com