Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S75WS256NDGBFWUH3 Datasheet(PDF) 8 Page - SPANSION

Part # S75WS256NDGBFWUH3
Description  Stacked Multi-Chip Product (MCP)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDGBFWUH3 Datasheet(HTML) 8 Page - SPANSION

Back Button S75WS256NDGBFWUH3 Datasheet HTML 2Page - SPANSION S75WS256NDGBFWUH3 Datasheet HTML 3Page - SPANSION S75WS256NDGBFWUH3 Datasheet HTML 4Page - SPANSION S75WS256NDGBFWUH3 Datasheet HTML 5Page - SPANSION S75WS256NDGBFWUH3 Datasheet HTML 6Page - SPANSION S75WS256NDGBFWUH3 Datasheet HTML 7Page - SPANSION S75WS256NDGBFWUH3 Datasheet HTML 8Page - SPANSION S75WS256NDGBFWUH3 Datasheet HTML 9Page - SPANSION S75WS256NDGBFWUH3 Datasheet HTML 10Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
6
S73WS-P based MCP Products
S73WS-P_00_A0 March 16, 2006
Data
Sheet
( A dva n ce
I n f o r m a t i on)
4.1
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult your local
sales office to confirm availability of specific valid combinations and to check on newly released
combinations.
Notes:
1. Packing Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading S and packing type designator from ordering part number.
K
A
11x11 mm
112
0.45 mm
B
11x11 mm
112
0.50 mm
D
12x12 mm
128
0.45 mm
F
12x12 mm
128
0.50 mm
G
14x14 mm
152
0.45 mm
H
14x14 mm
152
0.50 mm
J
15x15 mm
160
0.45 mm
K
15x15 mm
160
0.50 mm
L
17x17 mm
192
0.45 mm
M
17x17 mm
192
0.50 mm
Table 4.1 Character Position Descriptions (Sheet 2 of 2)
Character 12
Character 13
Character 14 Description
Package Area
Package Ball Count
Raw Ball Size
S72WS-P Valid Combinations
NOR Flash
Speed
DRAM
Supplier
DRAM Speed
Package Type
Package
Markings
Base Ordering
Number
Package &
Material
Set
Package
Descriptor
Model
Number
Packing Type
S73WS512PD0
HF
6
4V
0, 2, 3 (Note 1)
66 MHz
Type 5
104 MHz
9x12 mm
(MCP)
(Note 2)


Similar Part No. - S75WS256NDGBFWUH3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75WS256NDGBFWUH3 SPANSION-S75WS256NDGBFWUH3 Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S75WS256NDGBFWUH3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75PL-N SPANSION-S75PL-N Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S73WS256N SPANSION-S73WS256N Datasheet
5Mb / 251P
   Stacked Multi-Chip Product (MCP)
S71GL512NB0 SPANSION-S71GL512NB0 Datasheet
3Mb / 147P
   Stacked Multi-chip Product (MCP)
S71WS-N SPANSION-S71WS-N Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS-NX0 SPANSION-S71WS-NX0 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S75WS256NXX SPANSION-S75WS256NXX Datasheet
3Mb / 216P
   Stacked Multi-Chip Product (MCP)
S71GLXXXNC0 SPANSION-S71GLXXXNC0 Datasheet
1Mb / 122P
   Stacked Multi-chip Product (MCP)
S71WS-J SPANSION-S71WS-J Datasheet
4Mb / 186P
   Stacked Multi-Chip Product (MCP)
S75WS-N SPANSION-S75WS-N Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com