Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S72NS256ND0AJW132 Datasheet(PDF) 10 Page - SPANSION

Part # S72NS256ND0AJW132
Description  Based MCPs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S72NS256ND0AJW132 Datasheet(HTML) 10 Page - SPANSION

Back Button S72NS256ND0AJW132 Datasheet HTML 6Page - SPANSION S72NS256ND0AJW132 Datasheet HTML 7Page - SPANSION S72NS256ND0AJW132 Datasheet HTML 8Page - SPANSION S72NS256ND0AJW132 Datasheet HTML 9Page - SPANSION S72NS256ND0AJW132 Datasheet HTML 10Page - SPANSION S72NS256ND0AJW132 Datasheet HTML 11Page - SPANSION S72NS256ND0AJW132 Datasheet HTML 12Page - SPANSION S72NS256ND0AJW132 Datasheet HTML 13Page - SPANSION S72NS256ND0AJW132 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
8S72NS-N Based MCPs
S72NS128_256ND0_00_B1 November 9, 2005
Adva nce
Information
3
Input/Output Descriptions
A23 – A0
=
Flash Address inputs
DQ15 – DQ0
=
Flash Data input/output
F-CE#
=
Flash Chip-enable input. Asynchronous relative to CLK for Burst
Mode
F-OE#
=
Flash Output Enable input. Asynchronous relative to CLK for Burst
mode.
F-WE#
=
Flash Write Enable input
F-VCC
=
Flash device power supply (1.7 V to 1.95 V)
F-VCCQ
=
Flash Input/Output Buffer power supply
F-VSS
=
Flash Ground
F-RDY
=
Flash ready output. Indicates the status of the Burst read. VOL =
data invalid. VOH = data valid.
F-CLK
=
Flash Clock. The first rising edge of CLK in conjunction with AVD#
low latches the address input and activates burst mode operation.
After the initial word is output, subsequent rising edges of CLK
increment the internal address counter. CLK should remain low
during asynchronous access.
F-AVD#
=
Flash Address Valid input. Indicates to device that the valid address
is present on the address inputs. VIL = for asynchronous mode,
indicates valid address; for burst mode, causes starting address to
be latched on rising edge of CLK. VIH= device ignores address
inputs
F-RST#
=
Flash hardware reset input. VIL= device resets and returns to
reading array data
F-WP#
=
Flash hardware write protect input. VIL = disables program and
erase functions in the four outermost sectors
F-VPP
=
Flash accelerated input. At VHH, accelerates programming;
automatically places device in unlock bypass mode. At VIL, disables
all program and erase functions. Should be at VIH for all other
conditions.
D-A11 – D-A0
=
DRAM Address inputs.
D-DQ15 – D-DQ0 =
DRAM Data input/output
D-CLK
=
DRAM System Clock
D-CE#
=
DRAM Chip Select
D-CKE
=
DRAM Clock Enable
D-BA1 – BA0
=
DRAM Bank Select
D-RAS#
=
DRAM Row Address Strobe
D-CAS#
=
DRAM Column Address Strobe
D-DM1 – D-DM0
=
DRAM Data Input/Output Mask
D-WE#
=
DRAM Write Enable input
D-VSS
=
DRAM Ground
D-VSSQ
=
DRAM Input/Output Buffer ground
D-VCCQ
=
DRAM Input/Output Buffer power supply
D-VCC
=
DRAM device power supply
D-UDQS
=
DRAM Upper Data Strobe, output with read data and input with
write data
D-LDQS
=
DRAM Lower Data Strobe, output with read data and input with
write data
D-CLK#
=
DDR Clock for negative edge of CLK
RFU
=
Reserved for Future Use
NC
=
No Connect. Can be connected to ground or left floating.
D-TEST
=
Internal Test mode pin for DDR DRAM only. Do not apply any signal
on this pin. Can be connected to ground or left floating.


Similar Part No. - S72NS256ND0AJW132

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72NS256PD0 SPANSION-S72NS256PD0 Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S72NS256PD0AJBGC SPANSION-S72NS256PD0AJBGC Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S72NS256PD0AJBGC0 SPANSION-S72NS256PD0AJBGC0 Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S72NS256PD0AJBGC2 SPANSION-S72NS256PD0AJBGC2 Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S72NS256PD0AJBGC3 SPANSION-S72NS256PD0AJBGC3 Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
More results

Similar Description - S72NS256ND0AJW132

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71PL-J SPANSION-S71PL-J Datasheet
460Kb / 24P
   Based MCPs
S71GS256 SPANSION-S71GS256 Datasheet
2Mb / 195P
   128N based MCPs
S71PL-N SPANSION-S71PL-N Datasheet
279Kb / 14P
   MirrorBit MCPs
logo
List of Unclassifed Man...
POLYPAD1000 ETC2-POLYPAD1000 Datasheet
455Kb / 2P
   Polyester based
POLYPADK-10 ETC2-POLYPADK-10 Datasheet
558Kb / 2P
   Polyester based
logo
PHOENIX CONTACT
2891161 PHOENIX-2891161 Datasheet
60Kb / 5P
   Secure web-based and SNMP-based management
logo
List of Unclassifed Man...
POLYPAD400 ETC2-POLYPAD400 Datasheet
473Kb / 2P
   Polyester based
logo
Gamewell-FCI by Honeywe...
CAB-A GAMEWELL-FCI-CAB-A Datasheet
170Kb / 4P
   MULTIPROCESSOR-BASED
logo
PHOENIX CONTACT
2891062 PHOENIX-2891062 Datasheet
69Kb / 4P
   Secure web-based and SNMP-based management
logo
ATMEL Corporation
AT91SAM7XC128 ATMEL-AT91SAM7XC128 Datasheet
482Kb / 38P
   Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com