Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLW51570 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LLW51570
Description  5mm Round LED,T-1 3/4
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LLW51570 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LLW51570 Datasheet HTML 1Page - List of Unclassifed Manufacturers LLW51570 Datasheet HTML 2Page - List of Unclassifed Manufacturers LLW51570 Datasheet HTML 3Page - List of Unclassifed Manufacturers LLW51570 Datasheet HTML 4Page - List of Unclassifed Manufacturers LLW51570 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data Sheet
5mm Round LED,T-1 3/4
Features
Popular T-1 3/4 diameter package
Choice of various viewing angles
Viewing angle=15°
Reliable and robust
Descriptions
The series is specially designed for applications
requiring higher brightness
The LED lamps are available with different colors,
intensities , epoxy colors , etc.
Applications
TV set
Monitor
Telephone
Computer
Part NO.
Material
Lens Color
Source Color
LLW51570
lnGaN
Water Clear
White


Similar Part No. - LLW51570

ManufacturerPart #DatasheetDescription
logo
ams AG
LLWF-6T08-H AMSCO-LLWF-6T08-H Datasheet
838Kb / 8P
   High Uniformity TIR Lenses for LZC Emitter Family
Rev 1.0 10/18/2021
More results

Similar Description - LLW51570

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7143SRC-D KINGBRIGHT-WP7143SRC-D_15 Datasheet
317Kb / 6P
   T-1 3/4 (5mm) ROUND LED LAMP
WP7143SRC-D KINGBRIGHT-WP7143SRC-D Datasheet
260Kb / 6P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
SunLED Corporation
LM2BG14W SUNLED-LM2BG14W Datasheet
175Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
Kingbright Corporation
WP7143SURC KINGBRIGHT-WP7143SURC Datasheet
102Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
SunLED Corporation
LM2CY14W SUNLED-LM2CY14W Datasheet
172Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
Kingbright Corporation
W7113MBDK KINGBRIGHT-W7113MBDK Datasheet
108Kb / 3P
   T-1 3/4 (5mm) ROUND LED LAMP
WP2523SURC-E KINGBRIGHT-WP2523SURC-E Datasheet
120Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
SunLED Corporation
LM2BB14W SUNLED-LM2BB14W Datasheet
178Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
Kingbright Corporation
WP7143SGC KINGBRIGHT-WP7143SGC_15 Datasheet
316Kb / 6P
   T-1 3/4 (5mm) ROUND LED LAMP
WP7143SURC-E KINGBRIGHT-WP7143SURC-E_15 Datasheet
318Kb / 6P
   T-1 3/4 (5mm) ROUND LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com