Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D8740180GTH Datasheet(PDF) 2 Page - PREMIER DEVICES, INC.

Part # D8740180GTH
Description  GaAs Power Doubler, 40 - 870MHz, 18.5dB min. Gain @ 870MHz, High, 440mA max. @ 24VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.

D8740180GTH Datasheet(HTML) 2 Page - PREMIER DEVICES, INC.

  D8740180GTH Datasheet HTML 1Page - PREMIER DEVICES, INC. D8740180GTH Datasheet HTML 2Page - PREMIER DEVICES, INC. D8740180GTH Datasheet HTML 3Page - PREMIER DEVICES, INC. D8740180GTH Datasheet HTML 4Page - PREMIER DEVICES, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Specification
D8740180GTH
GaAs Power Doubler, 40 – 870MHz, 18.5dB min. Gain @ 870MHz, High, 440mA max. @ 24VDC
Page 2 of 4
2004 Jun 01
Document Revision Level A
CHARACTERISTICS
Table 2: Distortion data 40 – 870 MHz; VB = 24V; Tmb = 30°C; ZS = ZL = 75 Ω
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CTB
79 ch. flat; Vo = 48 dBmV;
1)
112 ch. flat; Vo = 48 dBmV;
2)
132 ch. flat; Vo = 48 dBmV;
3)
79 ch. 7 dB tilted; Vo = 53 dBmV @ 550 MHz;
4)
112 ch. 10 dB tilted; Vo = 54 dBmV @ 750 MHz;
5)
-
-
-
-
-
- 68
- 62
- 58
- 66
- 60
- 66
- 60
- 56
- 64
- 58
dBc
XMOD
79 ch. flat; Vo = 48 dBmV;
1)
112 ch. flat; Vo = 48 dBmV;
2)
132 ch. flat; Vo = 48 dBmV;
3)
79 ch. 7 dB tilted; Vo = 53 dBmV @ 550 MHz;
4)
112 ch. 10 dB tilted; Vo = 54 dBmV @ 750 MHz;
5)
-
-
-
-
-
- 62
- 59
- 57
- 60
- 53
- 60
- 57
- 55
- 58
- 51
dBc
CSO
79 ch. flat; Vo = 48 dBmV;
1)
112 ch. flat; Vo = 48 dBmV;
2)
132 ch. flat; Vo = 48 dBmV;
3)
79 ch. 7 dB tilted; Vo = 53 dBmV @ 550 MHz;
4)
112 ch. 10 dB tilted; Vo = 54 dBmV @ 750 MHz;
5)
-
-
-
-
-
- 70
- 66
- 64
- 69
- 65
- 68
- 64
- 62
- 67
- 63
dBc
Notes:
1)
79 channels, NTSC frequency raster: 55.25 MHz to 547.25 MHz, +48 dBmV flat output level.
2)
112 channels, NTSC frequency raster: 55.25 MHz to 745.25 MHz, +48 dBmV flat output level.
3)
132 channels, NTSC frequency raster: 55.25 MHz to 865.25 MHz, +48 dBmV flat output level.
4)
79 channels, NTSC frequency raster: 55.25 MHz to 547.25 MHz, +46 dBmV to +53 dBmV tilted output level.
5)
112 channels, NTSC frequency raster: 55.25 MHz to 745.25 MHz, +44 dBmV to +54 dBmV tilted output level.
Composite Second Order (CSO)
The CSO parameter (both sum and difference products) is defined by the NCTA.
Composite Triple Beat (CTB)
The CTB parameter is defined by the NCTA.
Cross Modulation (XMOD)
Cross modulation (XMOD) is measured at baseband (selective voltmeter method), referenced to 100% modulation of the
carrier being tested.


Similar Part No. - D8740180GTH

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
D8740180GTH RFMD-D8740180GTH Datasheet
271Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 870MHz
More results

Similar Description - D8740180GTH

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
D8740180GT PDI-D8740180GT Datasheet
62Kb / 4P
   GaAs Power Doubler, 40 - 870MHz, 18.5dB min. Gain @ 870MHz, 375mA max. @ 24VDC
D8740150GTH PDI-D8740150GTH Datasheet
129Kb / 4P
   GaAs Power Doubler, 40 - 870MHz, 15.5dB min. Gain @ 870MHz, High, 440mA max. @ 24VDC
D8740250GTH PDI-D8740250GTH Datasheet
63Kb / 4P
   GaAs Power Doubler, 40 - 870MHz, 25.0dB min. Gain @ 870MHz, High, 440mA max. @ 24VDC
D8740270GTH PDI-D8740270GTH Datasheet
63Kb / 4P
   GaAs Power Doubler, 40 - 870MHz, 27.0dB min. Gain @ 870MHz, High, 440mA max. @ 24VDC
D8740200GTH PDI-D8740200GTH Datasheet
135Kb / 4P
   GaAs Power Doubler, 40 - 870MHz, 20.5dB min. Gain @ 870MHz, 440mA max. @ 24VDC
D8740220GTH PDI-D8740220GTH Datasheet
135Kb / 4P
   GaAs Power Doubler, 40 - 870MHz, 22.0dB min. Gain @ 870MHz, 440mA max. @ 24VDC
D8740320GTH PDI-D8740320GTH Datasheet
158Kb / 4P
   GaAs Power Doubler, 40 - 870MHz, 32.0dB min. Gain @ 870MHz, High, 440mA max. @ 24VDC
D8740240GTH PDI-D8740240GTH Datasheet
232Kb / 4P
   GaAs Power Doubler, 40 - 870MHz, 24.0dB min. Gain @ 870MHz, High, 440mA max. @ 24VDC
D8740150GT PDI-D8740150GT Datasheet
224Kb / 4P
   GaAs Power Doubler, 40 - 870MHz, 15.5dB min. Gain @ 870MHz, 375mA max. @ 24VDC
D8740240GT PDI-D8740240GT Datasheet
224Kb / 4P
   GaAs Power Doubler, 40 - 870MHz, 24.0dB min. Gain @ 870MHz, 375mA max. @ 24VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com