Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S71WS256ND0BAWE23 Datasheet(PDF) 3 Page - SPANSION

Part # S71WS256ND0BAWE23
Description  Stacked Multi-Chip Product (MCP)
Download  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS256ND0BAWE23 Datasheet(HTML) 3 Page - SPANSION

  S71WS256ND0BAWE23 Datasheet HTML 1Page - SPANSION S71WS256ND0BAWE23 Datasheet HTML 2Page - SPANSION S71WS256ND0BAWE23 Datasheet HTML 3Page - SPANSION S71WS256ND0BAWE23 Datasheet HTML 4Page - SPANSION S71WS256ND0BAWE23 Datasheet HTML 5Page - SPANSION S71WS256ND0BAWE23 Datasheet HTML 6Page - SPANSION S71WS256ND0BAWE23 Datasheet HTML 7Page - SPANSION S71WS256ND0BAWE23 Datasheet HTML 8Page - SPANSION S71WS256ND0BAWE23 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 188 page
background image
This document contains information on one or more products under development at Spansion LLC. The information is intended to help you evaluate this product. Do not
design in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work on this proposed product without notice.
Publication Number S71WS-N_01
Revision A Amendment 4 Issue Date September 15, 2005
General Description
The S71WS-N Series is a product line of stacked Multi-Chip Product (MCP) packages and consists
of the following items:
One or more flash memory die
pSRAM Type 4—Compatible pSRAM
The products covered by this document are listed in the table below. For details about their spec-
ifications, please refer to the individual constituent datasheet for further details.
Distinctive Characteristics
MCP Features
Power supply voltage of 1.7 V to 1.95 V
Burst Speed: 54 MHz, 66 MHz
Package
— 8 x 11.6 mm, 9 x 12 mm
Operating Temperature
— Wireless, –25° C to +85° C
S71WS-Nx0 Based MCPs
Stacked Multi-Chip Product (MCP)
128/256/512 Megabit (32M/16M x 16 bit) CMOS
1.8 Volt-only Simultaneous Read/Write,
Burst-mode Flash Memory with
pSRAM Type 4
ADVANCE
INFORMATION
Device
Flash Density
pSRAM Density
512 Mb
256
Mb
128
Mb
64
Mb
128 Mb
64 Mb
32 Mb
16 Mb
S71WS512ND0
S71WS256ND0
S71WS256NC0
S71WS128NC0


Similar Part No. - S71WS256ND0BAWE23

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71WS256ND0BAWEJ0 SPANSION-S71WS256ND0BAWEJ0 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS256ND0BAWEJ2 SPANSION-S71WS256ND0BAWEJ2 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS256ND0BAWEJ3 SPANSION-S71WS256ND0BAWEJ3 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS256ND0BAWEK0 SPANSION-S71WS256ND0BAWEK0 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS256ND0BAWEK2 SPANSION-S71WS256ND0BAWEK2 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S71WS256ND0BAWE23

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75PL-N SPANSION-S75PL-N Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S73WS256N SPANSION-S73WS256N Datasheet
5Mb / 251P
   Stacked Multi-Chip Product (MCP)
S71GL512NB0 SPANSION-S71GL512NB0 Datasheet
3Mb / 147P
   Stacked Multi-chip Product (MCP)
S71WS-N SPANSION-S71WS-N Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S75WS256NXX SPANSION-S75WS256NXX Datasheet
3Mb / 216P
   Stacked Multi-Chip Product (MCP)
S71GLXXXNC0 SPANSION-S71GLXXXNC0 Datasheet
1Mb / 122P
   Stacked Multi-chip Product (MCP)
S71WS-J SPANSION-S71WS-J Datasheet
4Mb / 186P
   Stacked Multi-Chip Product (MCP)
S73WS-P SPANSION-S73WS-P Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS-N SPANSION-S75WS-N Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com