Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1191 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM1191
Description  Digital Power Monitor with Convert Pin and ALERTB O
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1191 Datasheet(HTML) 5 Page - Analog Devices

  ADM1191 Datasheet HTML 1Page - Analog Devices ADM1191 Datasheet HTML 2Page - Analog Devices ADM1191 Datasheet HTML 3Page - Analog Devices ADM1191 Datasheet HTML 4Page - Analog Devices ADM1191 Datasheet HTML 5Page - Analog Devices ADM1191 Datasheet HTML 6Page - Analog Devices ADM1191 Datasheet HTML 7Page - Analog Devices ADM1191 Datasheet HTML 8Page - Analog Devices ADM1191 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADM1191
Rev. 0 | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VCC Pin
30 V
SENSE Pin
30 V
CONV Pin
−0.3 V to +6 V
SETV Pin
30 V
ALERTB Pin
30 V
SDA Pin, SCL Pin
−0.3 V to +6 V
A0 Pin, A1 Pin
−0.3 V to +6 V
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
Unit
10-Lead MSOP
137.5
°C/W
ESD CAUTION


Similar Part No. - ADM1191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1191 AD-ADM1191 Datasheet
403Kb / 16P
   Digital Power Monitor with Convert Pin and ALERTB Output
REV. B
ADM1191-2ARMZ-R7 AD-ADM1191-2ARMZ-R7 Datasheet
403Kb / 16P
   Digital Power Monitor with Convert Pin and ALERTB Output
REV. B
ADM1191 AD-ADM1191_08 Datasheet
403Kb / 16P
   Digital Power Monitor with Convert Pin and ALERTB Output
REV. B
More results

Similar Description - ADM1191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1191 AD-ADM1191_08 Datasheet
403Kb / 16P
   Digital Power Monitor with Convert Pin and ALERTB Output
REV. B
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1176 AD-ADM1176 Datasheet
683Kb / 24P
   Hot Swap Controller and I2C짰 Power Monitor with Convert Pin
REV. 0
ADM1192 AD-ADM1192_08 Datasheet
415Kb / 20P
   Digital Power Monitor with Clear Pin and ALERT Output
REV. B
ADM1192 AD-ADM1192 Datasheet
395Kb / 20P
   Digital Power Monitor with Clear Pin and ALERT Output
REV. 0
ADM1177 AD-ADM1177 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
Rev. PrD May 2006
ADM1177 AD-ADM1177_15 Datasheet
583Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Soft Start Pin
REV. C
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com