Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S72WS256ND0BAW4Y3 Datasheet(PDF) 3 Page - SPANSION

Part # S72WS256ND0BAW4Y3
Description  Based MCP/PoP Products
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S72WS256ND0BAW4Y3 Datasheet(HTML) 3 Page - SPANSION

  S72WS256ND0BAW4Y3 Datasheet HTML 1Page - SPANSION S72WS256ND0BAW4Y3 Datasheet HTML 2Page - SPANSION S72WS256ND0BAW4Y3 Datasheet HTML 3Page - SPANSION S72WS256ND0BAW4Y3 Datasheet HTML 4Page - SPANSION S72WS256ND0BAW4Y3 Datasheet HTML 5Page - SPANSION S72WS256ND0BAW4Y3 Datasheet HTML 6Page - SPANSION S72WS256ND0BAW4Y3 Datasheet HTML 7Page - SPANSION S72WS256ND0BAW4Y3 Datasheet HTML 8Page - SPANSION S72WS256ND0BAW4Y3 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
This document contains information on one or more products under development at Spansion LLC. The information is intended to help you evaluate this product. Do not
design in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work on this proposed product without notice
Publication Number S72WS-N_00
Revision A Amendment 8 Issue Date June 1, 2006
Distinctive Characteristics
MCP Features
Power supply voltage of 1.7 to 1.95V
High Performance
Flash access time: 80 ns for NOR Flash, 25 ns for ORNAND Flash
Flash burst frequencies: 54 MHz, 66MHz, 80MHz
Mobile SDRAM burst frequency: 104 MHz, 133 MHz (DDR)
Package:
— 9.0 x 12.0 mm MCP BGA
— 11.0 x 13.0 mm MCP BGA
— 15.0 x 15.0 x 1.2 mm MCP Package-on-Package (PoP)
Operating Temperature
— –25°C to +85°C (wireless)
General Description
The S72WS series is a product line of stacked Multi-Chip Product (MCP) packages and consists of:
One or two NOR flash memory dies
One NAND Interface ORNAND die
Separate bus for one or more Mobile SDRAM die
The products covered by this document are listed in the table below.
Note: For a list of PoP OPNs, please contact the local sales representative or refer to the Ordering In-
formation valid combinations tables.
For detailed specifications, please refer to the individual data sheets.
S72WS-N based MCP/PoP Products
1.8 Volt-only x16 Flash Memory and SDRAM on Split Bus
256/512 Mb Simultaneous Read/Write, Burst Mode Flash Memory
512 Mb NAND Flash
1024 Mb NAND Interface ORNAND Flash Memory on Bus 1
512/256/128 Mb (8M/4M/2M x 16-bit x 4 Banks) Mobile SDRAM on Bus 2
Data Sheet
ADVANCE
INFORMATION
Device
NOR Flash Density
NAND Flash Density
SDRAM Density
512Mb
256Mb
128Mb
1024Mb
512Mb
512Mb
256Mb
128Mb
S72WS256ND0
X
X
S72WS256NDE
X
X
S72WS256NEE
X
X
S72WS512NFG
X
X
X
S72WS512NEG
X
X
X
S72WS512NEF
X
X
X
S72WS512NFF
X
X
X
Document
Publication Identification Number (PID)
S29WS256N
S29WS-N_00
S30MS01GP/512P
S30MS-P_00
128 Mb Mobile SDRAM Type 1
SDRAM_01
128 Mb Mobile SDRAM Type 2
SDRAM_05
128 Mb Mobile DDR-DRAM Type 5
SDRAM_07
256 Mb Mobile SDRAM Type 2
SDRAM_05
512 Mb Mobile DDR-DRAM Type 1
SDRAM_09
512 Mb Mobile SDRAM Type 4
SDRAM_06
512 Mb NAND Type 1
NAND_01
512 Mb Mobile DDR-DRAM Type 5
DRAM_04
512 Mb Mobile DDR-DRAM Type 2
DRAM_05


Similar Part No. - S72WS256ND0BAW4Y3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72WS256PD0 SPANSION-S72WS256PD0 Datasheet
662Kb / 17P
   based MCP/PoP Products
S72WS256PD0HF01G0 SPANSION-S72WS256PD0HF01G0 Datasheet
662Kb / 17P
   based MCP/PoP Products
S72WS256PD0HF01G2 SPANSION-S72WS256PD0HF01G2 Datasheet
662Kb / 17P
   based MCP/PoP Products
S72WS256PD0HF01G3 SPANSION-S72WS256PD0HF01G3 Datasheet
662Kb / 17P
   based MCP/PoP Products
S72WS256PD0HF01H0 SPANSION-S72WS256PD0HF01H0 Datasheet
662Kb / 17P
   based MCP/PoP Products
More results

Similar Description - S72WS256ND0BAW4Y3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72MS-P SPANSION-S72MS-P Datasheet
315Kb / 10P
   based MCP/PoP Products
S72WS-P SPANSION-S72WS-P Datasheet
662Kb / 17P
   based MCP/PoP Products
S75WS-P SPANSION-S75WS-P Datasheet
463Kb / 15P
   based MCP/POP Products
logo
International Rectifier
IRFP4228PBF IRF-IRFP4228PBF Datasheet
672Kb / 8P
   pop switch
logo
Integrated Silicon Solu...
IS31AP4915A ISSI-IS31AP4915A Datasheet
315Kb / 9P
   Pop reduction circuitry
logo
Samsung semiconductor
KBY00U00VA-B450 SAMSUNG-KBY00U00VA-B450 Datasheet
1Mb / 92P
   MCP Specification
logo
Nanya Technology Corpor...
NM1482KSLAXCL NANYA-NM1482KSLAXCL Datasheet
5Mb / 119P
   MCP Specification
NM4484NSPAXAE NANYA-NM4484NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
NM1281KSLAXAJ NANYA-NM1281KSLAXAJ Datasheet
5Mb / 118P
   MCP Specification
NM4482NSPAXAE NANYA-NM4482NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com