Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S72WS512NDEBAW4Y3 Datasheet(PDF) 6 Page - SPANSION

Part # S72WS512NDEBAW4Y3
Description  Based MCP/PoP Products
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S72WS512NDEBAW4Y3 Datasheet(HTML) 6 Page - SPANSION

Back Button S72WS512NDEBAW4Y3 Datasheet HTML 2Page - SPANSION S72WS512NDEBAW4Y3 Datasheet HTML 3Page - SPANSION S72WS512NDEBAW4Y3 Datasheet HTML 4Page - SPANSION S72WS512NDEBAW4Y3 Datasheet HTML 5Page - SPANSION S72WS512NDEBAW4Y3 Datasheet HTML 6Page - SPANSION S72WS512NDEBAW4Y3 Datasheet HTML 7Page - SPANSION S72WS512NDEBAW4Y3 Datasheet HTML 8Page - SPANSION S72WS512NDEBAW4Y3 Datasheet HTML 9Page - SPANSION S72WS512NDEBAW4Y3 Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
4
S72WS-N Based MCP/PoP Products
S72WS-N_00_A8 June 1, 2006
Advance
Info rmation
1.2
NOR Flash + ORNAND Flash + DRAM Products
Device-Model#
NOR
Flash
Density
ORNAND
Flash
Density
SDRAM
Density
Flash
Speed
DRAM
Speed
Supplier
ORNAND
Bus
Width
ECC
required?
Package
S72WS512NFFBFWZ2
512Mb
512Mb
(NAND)
512Mb
66MHz
133MHz
(DDR)
DRAM
Type 1
X16
Yes
11x13x1.4mm
S72WS512NFFBFWZJ
DRAM
Type 5
S72WS512NFG-L7
1024Mb
54MHz
104MHz
DRAM
Type 4
No
11x13x1.4mm
S72WS512NFG-L6
66MHz
S72WS512NFG-L5
80MHz
S72WS512NFG-47
54MHz
X8
S72WS512NFG-46
66MHz
S72WS512NFG-45
80MHz
S72WS512NFG-LZ
54MHz
DRAM
Type 2
X16
S72WS512NFG-LY
66MHz
S72WS512NFG-LW
80MHz
S72WS512NFG-4Z
54MHz
X8
S72WS512NFG-4Y
66MHz
S72WS512NFG-4W
80MHz
S72WS512NFG-N7
54MHz
DRAM
Type 4
X16
Yes
S72WS512NFG-N6
66MHz
S72WS512NFG-N5
80MHz
S72WS512NFG-67
54MHz
X8
S72WS512NFG-66
66MHz
S72WS512NFG-65
80MHz
S72WS512NFG-NZ
54MHz
DRAM
Type 2
X16
S72WS512NFG-NY
66MHz
S72WS512NFG-NW
80MHz
S72WS512NFG-6Z
54MHz
X8
S72WS512NFG-6Y
66MHz
S72WS512NFG-6W
80MHz
S72WS512NEG-LZ
256 Mb
54MHz
X16
No
S72WS512NEG-LY
66MHz
S72WS512NEG-LW
80MHz
S72WS512NEG-4Z
54MHz
X8
S72WS512NEG-4Y
66MHz
S72WS512NEG-4W
80MHz
S72WS512NEG-NZ
54MHz
X16
Yes
S72WS512NEG-NY
66MHz
S72WS512NEG-NW
80MHz
S72WS512NEG-6Z
54MHz
X8
S72WS512NEG-6Y
66MHz
S72WS512NEG-6W
80MHz
S72WS512NEFKFWHJ
512Mb
512Mb
(NAND)
256Mb
66MHz
133MHz
(DDR)
DRAM
Type2
x16
Yes
15x15x1.25mm
S72WS512NFFKFWZ2
512Mb
DRAM
Type 1
15x15x1.25mm
S72WS512NFFKFWZJ
DRAM
Type 5
15x15x1.25mm


Similar Part No. - S72WS512NDEBAW4Y3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72WS512PD0HF01G0 SPANSION-S72WS512PD0HF01G0 Datasheet
662Kb / 17P
   based MCP/PoP Products
S72WS512PD0HF01G2 SPANSION-S72WS512PD0HF01G2 Datasheet
662Kb / 17P
   based MCP/PoP Products
S72WS512PD0HF01G3 SPANSION-S72WS512PD0HF01G3 Datasheet
662Kb / 17P
   based MCP/PoP Products
S72WS512PD0HF01H0 SPANSION-S72WS512PD0HF01H0 Datasheet
662Kb / 17P
   based MCP/PoP Products
S72WS512PD0HF01H2 SPANSION-S72WS512PD0HF01H2 Datasheet
662Kb / 17P
   based MCP/PoP Products
More results

Similar Description - S72WS512NDEBAW4Y3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72MS-P SPANSION-S72MS-P Datasheet
315Kb / 10P
   based MCP/PoP Products
S72WS-P SPANSION-S72WS-P Datasheet
662Kb / 17P
   based MCP/PoP Products
S75WS-P SPANSION-S75WS-P Datasheet
463Kb / 15P
   based MCP/POP Products
logo
International Rectifier
IRFP4228PBF IRF-IRFP4228PBF Datasheet
672Kb / 8P
   pop switch
logo
Integrated Silicon Solu...
IS31AP4915A ISSI-IS31AP4915A Datasheet
315Kb / 9P
   Pop reduction circuitry
logo
Samsung semiconductor
KBY00U00VA-B450 SAMSUNG-KBY00U00VA-B450 Datasheet
1Mb / 92P
   MCP Specification
logo
Nanya Technology Corpor...
NM1482KSLAXCL NANYA-NM1482KSLAXCL Datasheet
5Mb / 119P
   MCP Specification
NM4484NSPAXAE NANYA-NM4484NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
NM1281KSLAXAJ NANYA-NM1281KSLAXAJ Datasheet
5Mb / 118P
   MCP Specification
NM4482NSPAXAE NANYA-NM4482NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com