Electronic Components Datasheet Search |
|
S72WS256PD0KF0GH0 Datasheet(PDF) 3 Page - SPANSION |
|
S72WS256PD0KF0GH0 Datasheet(HTML) 3 Page - SPANSION |
3 / 17 page This document contains information on one or more products under development at Spansion LLC. The information is intended to help you evaluate this product. Do not design in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work on this proposed product without notice. Publication Number S72WS-P_00 Revision A Amendment 4 Issue Date May 29, 2006 Features Power supply voltage of 1.7 to 1.95V Flash access time: 80 ns for NOR Flash, 25 ns for ORNAND Flash Flash burst frequencies: 66 MHz, 80 MHz, 108 MHz Mobile SDRAM burst frequency: 104 MHz (SDR), 133 MHz (DDR) Package: 9.0 x 12.0 mm MCP 11.0 x 13.0 mm MCP 15.0 x 15.0 mm Package-on-Package (PoP) Operating Temperature –25°C to +85°C (wireless) The S72WS series is a product line of stacked packages and consists of: One or two NOR flash memory die One NAND Interface ORNAND die Separate bus for one or more Mobile SDRAM die The products covered by this document are listed in the table below. Note: For a full list of OPNs, please contact the local sales representative or refer to the Ordering Information valid combinations tables. For detailed specifications, please refer to the individual data sheets. S72WS-P based MCP/PoP Products 1.8 Volt-only x16 Flash Memory and SDRAM on Split Bus Simultaneous Read/Write, Burst Mode NOR Flash NAND Flash or NAND Interface ORNAND ™ Flash on Bus 1 Mobile SDRAM on Bus 2 Data Sheet (Advance Information) Device NOR Flash Density ORNAND™ Flash Density NAND Flash Density DRAM Density 512Mb 256Mb 128Mb 1024Mb 512Mb 512Mb 512Mb 256Mb 128Mb S72WS256PD0 (MCP) X X (DDR) S72WS256PD0 (POP) X X (DDR) S72WS512PE0 (MCP) X X (SDR) S72WS512PEF (POP) X X X (SDR) S72WS512PEF (POP) X X X (SDR) S72WS512PFF (MCP) X X X (DDR) S72WS512PFF (POP) X X X (DDR) S72WS512PFF (MCP) X X X (DDR) S72WS512PFF (POP) X X X (DDR) S72WS512PFG (MCP) X X X (DDR) S72WS512PFG (POP) X X X (DDR) Document Publication Identification Number (PID) S29WS-P S29WS-P_00 S30MS-P S30MS-P_00 128 Mb Mobile DDR-DRAM Type 5 SDRAM_07 256 Mb Mobile SDR-DRAM Type 2 SDRAM_05 512 Mb Mobile DDR-DRAM Type 1 SDRAM_09 512 Mb Mobile SDR-DRAM Type 4 SDRAM_06 512 Mb NAND Type 1 NAND_01 512 Mb Mobile DDR-DRAM Type 5 DRAM_04 |
Similar Part No. - S72WS256PD0KF0GH0 |
|
Similar Description - S72WS256PD0KF0GH0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |