Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3941-3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # UCC3941-3
Description  1V Synchronous Boost Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UCC3941-3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UCC3941-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers UCC3941-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers UCC3941-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers UCC3941-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers UCC3941-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers UCC3941-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers UCC3941-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers UCC3941-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers UCC3941-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
UCC2941-3/-5/-ADJ
UCC3941-3/-5/-ADJ
ELECTRICAL CHARACTERISTICS: Unless otherwise specified, for UCC3941, TA = 0°C to 70°C; for UCC2941, TA = –40°C
to 85°C; VIN = 1.25V, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VIN Section
Minimum Startup Voltage
No External VGD Load, TJ = 25°C, IOUT = 100mA (Note 1)
0.8
1.0
V
Minimum Start Voltage
No External VGD Load, IOUT = 100mA, TJ = 0° C to 85° C
(Note 1)
0.9
1.1
V
Minimum Startup Voltage
No External VGD Load, TJ = –40°C to 0° C
0.9
1.5
V
Minimum Dropout Voltage
No External VGD Load, IOUT = 100mA, VGD = 6.3V
(Note 1)
0.5
V
Input Voltage Range
1
VOUT
+0.5
V
Quiescent Supply Current
(Note 2)
13
25
µA
Supply Current at Shutdown
SD = Open
8
20
µA
Output Section
Quiescent Supply Current
(Note 2)
32
80
µA
Supply Current at Shutdown
SD = Open
6
15
µA
Regulation Voltage (UCC3941-3)
1V < VIN < 3V
3.18
3.25
3.37
V
1V < VIN < 3V, 0mA < IOUT < 150mA (Note 1)
3.17
3.30
3.43
V
Regulation Voltage (UCC3941-5)
1V < VIN < 5V
4.85
5.00
5.15
V
1V < VIN < 5V, 0mA < IOUT 100mA (Note 1)
4.8
5.0
5.2
V
FB Voltage (UCC3941-ADJ)
1V < VIN < 3V
1.212
1.250
1.288
V
VGD Output Section
Quiescent Supply Current
(Note 2)
25
60
µA
Supply Current at Shutdown
SD = Open
8
20
µA
Regulation Voltage
1V < VIN < 3V
7.5
8.7
9.2
V
1V < VIN < 3V, 0mA < IOUT < 10mA (Note 1)
7.4
8.7
9.3
V
Inductor Charging Section (L = 22
µH)
Peak Discontinuous Current
Over Operating Range
0.50
0.85
A
Peak Continuous Current
RPLIM = 6.2Ω, UCC3941-3 and UCC3941-5
0.5
0.8
1.1
A
UCC3941-ADJ
0.6
0.9
1.3
A
ABSOLUTE MAXIMUM RATINGS
VIN Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 10V
SD Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to VIN
PLIM Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 10V
VGD Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 15V
SW Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 15V
VOUT Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 10V
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . –55°C to +150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . . . . . . . . +300°C
Currents are positive into, negative out of the specified terminal.
Consult Packaging Section of Databook for thermal limitations
and considerations of packages.
Pin 6 is FB for UCC3941-ADJ.
CONNECTION DIAGRAM
DIL-8, SOIC-8 (Top View)
N or J Package, D Package


Similar Part No. - UCC3941-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3941-3 TI1-UCC3941-3 Datasheet
296Kb / 20P
[Old version datasheet]   1V SYNCHRONOUS BOOST CONVERTER
More results

Similar Description - UCC3941-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC3945 ETC1-UCC3945 Datasheet
190Kb / 11P
   1V Synchronous Boost Converter
logo
Texas Instruments
UCC2941-3 TI1-UCC2941-3_11 Datasheet
296Kb / 20P
[Old version datasheet]   1V SYNCHRONOUS BOOST CONVERTER
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
   SYNCHRONOUS BOOST CONVERTER
logo
Diodes Incorporated
AP6714 DIODES-AP6714_V01 Datasheet
249Kb / 11P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
AP6714 DIODES-AP6714 Datasheet
267Kb / 15P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
AP6714 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com