Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KGF1156 Datasheet(PDF) 7 Page - OKI electronic componets

Part # KGF1156
Description  Small-Signal Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGF1156 Datasheet(HTML) 7 Page - OKI electronic componets

  KGF1156 Datasheet HTML 1Page - OKI electronic componets KGF1156 Datasheet HTML 2Page - OKI electronic componets KGF1156 Datasheet HTML 3Page - OKI electronic componets KGF1156 Datasheet HTML 4Page - OKI electronic componets KGF1156 Datasheet HTML 5Page - OKI electronic componets KGF1156 Datasheet HTML 6Page - OKI electronic componets KGF1156 Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7/7
KGF1156
¡ electronic components
Test Circuit and Bias Configuration for KGF1156 at 850 MHz
IN
T1: Z0 = 110 W, E = 25 deg
T2: Z0 = 110 W, E = 27 deg
T3 : Z0 = 65 W, E = 16 deg
T7 : Z0 = 110 W, E = 6 deg
C1 = 0.10 pF, C2 = 1.05 pF
CC(DC Block) = 1000 pF, CB(By-pass) = 1000 pF, CF(Feed through) = 1000 pF
RFC = 200 nH, RG1 = 1000 W, RG2 = 750 W
OUT
(1)
(3)
(2)
(4)
KGF
1156
CC
T3
T2
T1
CB
VG2
T5
T4
T6
CB
CC
CF
VDD
RFC
T4: Z0 = 110 W, E = 7 deg
T5: Z0 = 110 W, E = 35 deg
T6: Z0 = 65 W, E = 16 deg
RG2
T7
C1
C2
RG1


Similar Part No. - KGF1156

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1155 OKI-KGF1155 Datasheet
178Kb / 5P
   UHF-band Device Series
More results

Similar Description - KGF1156

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SC5343S AUK-2SC5343S Datasheet
214Kb / 4P
   General small signal amplifier (General small signal amplifier)
logo
OKI electronic componet...
KGF1522 OKI-KGF1522 Datasheet
101Kb / 8P
   Small-Signal Amplifier
KGF1146 OKI-KGF1146 Datasheet
65Kb / 7P
   Small-Signal Amplifier
KGF1175B OKI-KGF1175B Datasheet
103Kb / 8P
   Small-Signal Amplifier
KGF1191 OKI-KGF1191 Datasheet
181Kb / 13P
   Small-Signal Amplifier
KGF1531 OKI-KGF1531 Datasheet
114Kb / 8P
   Small-Signal Amplifier
KGF1521 OKI-KGF1521 Datasheet
101Kb / 8P
   Small-Signal Amplifier
logo
KODENSHI_AUK CORP.
2SA1980U KODENSHI-2SA1980U Datasheet
279Kb / 4P
   General small signal amplifier
2SC5343EF KODENSHI-2SC5343EF Datasheet
273Kb / 4P
   General small signal amplifier
2SC5343SF KODENSHI-2SC5343SF Datasheet
279Kb / 4P
   General small signal amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com