Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR912FW44X6T Datasheet(PDF) 1 Page - STMicroelectronics

Part # STR912FW44X6T
Description  ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR912FW44X6T Datasheet(HTML) 1 Page - STMicroelectronics

  STR912FW44X6T Datasheet HTML 1Page - STMicroelectronics STR912FW44X6T Datasheet HTML 2Page - STMicroelectronics STR912FW44X6T Datasheet HTML 3Page - STMicroelectronics STR912FW44X6T Datasheet HTML 4Page - STMicroelectronics STR912FW44X6T Datasheet HTML 5Page - STMicroelectronics STR912FW44X6T Datasheet HTML 6Page - STMicroelectronics STR912FW44X6T Datasheet HTML 7Page - STMicroelectronics STR912FW44X6T Datasheet HTML 8Page - STMicroelectronics STR912FW44X6T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
PRELIMINARY DATA
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
April 2006
Rev 1
1/72
72
16/32-bit 96 MHz ARM9E based MCU
– ARM966E-S RISC core: Harvard archi-
tecture, 5-stage pipeline, Tightly-Coupled
Memories (SRAM and Flash)
– STR91xF implementation of core adds high-
speed burst Flash memory interface,
instruction prefetch queue, branch cache
– Up to 96 MIPS directly from Flash memory
– Single-cycle DSP instructions are supported
– Binary compatible with 16/32-bit ARM7 code
Dual burst Flash memories, 32-bits wide
– 256KB/512KB Main Flash, 32KB 2nd Flash
– Sequential Burst operation up to 96 MHz
– 100K min erase cycles, 20 yr min retention
SRAM, 32-bits wide
– 64K or 96K bytes, optional battery backup
9 programmable DMA channels
– One for Ethernet, eight programmable chnls
Clock, reset, and supply management
– Two supplies required. Core: 1.8V +/-10%,
I/O: 2.7 to 3.6V
– Internal osc operating with ext. 4-25MHz xtal
– Internal PLL up to 96MHz
– Real-time clock provides calendar functions,
tamper detection, and wake-up functions
– Reset Supervisor monitors voltage supplies,
watchdog timer, wake-up unit, ext. reset
– Brown-out monitor for early warning interrupt
– Run, Idle, and Sleep Mode as low as 50 uA
Operating temperature -40 to +85°C
Vectored interrupt controller (VIC)
– 32 IRQ vectors, 30 intr pins, any can be FIQ
– Branch cache minimizes interrupt latency
8-channel, 10-bit A/D converter (ADC)
– 0 to 3.6V range, 2 usec conversion time
11 Communication interfaces
– 10/100 Ethernet MAC with DMA and MII port
– USB Full-speed (12 Mbps) slave device
– CAN interface (2.0B Active)
– 3 16550-style UARTs with IrDA protocol
– 2 Fast I2C™, 400 kHz
– 2 channels for SPI™, SSI™, or Microwire™
– 8/16-bit EMI bus on 128 pin packages
Up to 80 I/O pins (muxed with interfaces)
– 5V tolerant, 16 have high sink current (8mA)
– Bit-wise manipulation of pins within a port
16-bit standard timers (TIM)
– 4 timers each with 2 input capture, 2 output
compare, PWM and pulse count modes
3-Phase induction motor controller (IMC)
– 3 pairs of PWM outputs, adjustable centers
– Emergency stop, dead-time gen, tach input
JTAG interface with boundary scan
– ARM EmbeddedICE® RT for debugging
– In-System Programming (ISP) of Flash
Embedded trace module (ARM ETM9)
– Hi-speed instruction tracing, 9-pin interface
Device summary
LQFP80 12 x12mm
LQFP128 14 x 14mm
Features
STR910FM32X STR910FW32X STR911FM42X STR911FM44X STR912FW42X STR912FW44X
FLASH - Kbytes
256+32
256+32
256+32
512+32
256+32
512+32
RAM - Kbytes
64
64
96
96
96
96
Peripheral
functions
CAN, 48 I/Os
CAN, EMI,
80 I/Os
USB, CAN, 48 I/Os
Ethernet, USB, CAN, EMI,
80 I/Os
Packages
LQFP80
LQFP128
LQFP80
LQFP128
STR91xF
ARM966E-S™ 16/32-Bit Flash MCU with Ethernet, USB, CAN,
AC Motor Control, 4 Timers, ADC, RTC, DMA


Similar Part No. - STR912FW44X6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR912FW44X6T STMICROELECTRONICS-STR912FW44X6T Datasheet
1Mb / 73P
   ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
More results

Similar Description - STR912FW44X6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR91XFAX3X STMICROELECTRONICS-STR91XFAX3X Datasheet
1Mb / 101P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR91XFA STMICROELECTRONICS-STR91XFA Datasheet
1Mb / 78P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR91XFAX32 STMICROELECTRONICS-STR91XFAX32 Datasheet
1Mb / 99P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR91XF STMICROELECTRONICS-STR91XF_07 Datasheet
1Mb / 73P
   ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR71XF STMICROELECTRONICS-STR71XF Datasheet
678Kb / 49P
   ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
   ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR71XFXX STMICROELECTRONICS-STR71XFXX Datasheet
1Mb / 80P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
April 2013 Rev 13
STR71XF STMICROELECTRONICS-STR71XF_07 Datasheet
1Mb / 77P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STRT71XF STMICROELECTRONICS-STRT71XF Datasheet
1Mb / 74P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XF STMICROELECTRONICS-STR71XF_08 Datasheet
1Mb / 78P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com