Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF710A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # IRF710A
Description  Advanced Power MOSFET (400V, 3.6ohm, 2A)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF710A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  IRF710A Datasheet HTML 1Page - Fairchild Semiconductor IRF710A Datasheet HTML 2Page - Fairchild Semiconductor IRF710A Datasheet HTML 3Page - Fairchild Semiconductor IRF710A Datasheet HTML 4Page - Fairchild Semiconductor IRF710A Datasheet HTML 5Page - Fairchild Semiconductor IRF710A Datasheet HTML 6Page - Fairchild Semiconductor IRF710A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRF710A
400
--
2.0
--
--
--
--
--
0.53
--
--
--
--
--
35
13
11
15
38
13
10
1.8
5.4
--
--
4.0
100
-100
10
100
3.6
--
280
42
17
30
40
90
35
14
--
--
1.29
215
--
--
--
224
0.87
2
6
1.5
--
--
Notes;
(1) Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
(2) L=50mH, I
AS=2A, VDD=50V, RG=27, Starting TJ =25°C
(3) I
SD ≤ 2A, di/dt ≤ 80A/µs, VDD ≤ BVDSS , Starting TJ =25°C
(4) Pulse Test: Pulse Width = 250
µs, Duty Cycle ≤ 2%
(5) Essentially Independent of Operating Temperature
1&+$11(/
32:(5 026)(7
Electrical Characteristics (T
C=25°C unless otherwise specified)
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coeff.
Gate Threshold Voltage
Gate-Source Leakage , Forward
Gate-Source Leakage , Reverse
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
Static Drain-Source
On-State Resistance
Forward Transconductance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Total Gate Charge
Gate-Source Charge
Gate-Drain ( Miller ) Charge
gfs
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
Qg
Qgs
Qgd
BVDSS
∆BV/∆T
J
VGS(th)
RDS(on)
IGSS
IDSS
V
V/
°C
V
nA
µA
pF
ns
nC
--
--
--
--
--
--
--
--
--
--
--
--
--
VGS=0V,ID=250µA
ID=250µA
See Fig 7
VDS=5V,ID=250µA
VGS=30V
VGS=-30V
VDS=400V
VDS=320V,TC=125°C
VGS=10V,ID=1A
(4)
VDS=50V,ID=1A
(4)
VDD=200V,ID=2A,
RG=24Ω
See Fig 13
(4) (5)
VDS=320V,VGS=10V,
ID=2A
See Fig 6 & Fig 12 (4) (5)
Drain-to-Source Leakage Current
VGS=0V,VDS=25V,f =1MHz
See Fig 5
Source-Drain Diode Ratings and Characteristics
Continuous Source Current
Pulsed-Source Current
(1)
Diode Forward Voltage
(4)
Reverse Recovery Time
Reverse Recovery Charge
IS
ISM
VSD
trr
Qrr
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
--
--
--
--
--
A
V
ns
µC
Integral reverse pn-diode
in the MOSFET
TJ=25°C,IS=2A,VGS=0V
TJ=25°C,IF=2A
diF/dt=100A/µs
(4)


Similar Part No. - IRF710A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF710A ISC-IRF710A Datasheet
46Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IRF710A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR310 IRF-IRFR310 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=3.6ohm, Id=1.7A)
IRFD310 IRF-IRFD310 Datasheet
459Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=3.6ohm, Id=0.35A)
logo
Unisonic Technologies
2N40_1109 UTC-2N40_1109 Datasheet
175Kb / 5P
   2A, 400V N-CHANNEL POWER MOSFET
logo
International Rectifier
JANTX2N6786 IRF-JANTX2N6786 Datasheet
230Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=3.6ohm, Id=1.25A)
logo
Fairchild Semiconductor
IRF720A FAIRCHILD-IRF720A Datasheet
227Kb / 7P
   Advanced Power MOSFET (400V, 1.8ohm, 3.3A)
logo
Alpha & Omega Semicondu...
AOD3T40P AOSMD-AOD3T40P Datasheet
459Kb / 6P
   400V,2A N-Channel MOSFET
logo
Renesas Technology Corp
CR2AS-8UE RENESAS-CR2AS-8UE Datasheet
474Kb / 6P
   400V - 2A - Thyristor
May. 10, 2019
CR2PM-8UE RENESAS-CR2PM-8UE Datasheet
824Kb / 6P
   400V - 2A - Thyristor
Dec 24, 2014
CR2PM-8UE RENESAS-CR2PM-8UE_15 Datasheet
289Kb / 6P
   400V - 2A - Thyristor Low Power Use
CR2AS-8UE RENESAS-CR2AS-8UE_15 Datasheet
138Kb / 6P
   400V - 2A ??Thyristor Low Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com