Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR912FM34X6T Datasheet(PDF) 8 Page - STMicroelectronics

Part # STR912FM34X6T
Description  ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR912FM34X6T Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STR912FM34X6T Datasheet HTML 4Page - STMicroelectronics STR912FM34X6T Datasheet HTML 5Page - STMicroelectronics STR912FM34X6T Datasheet HTML 6Page - STMicroelectronics STR912FM34X6T Datasheet HTML 7Page - STMicroelectronics STR912FM34X6T Datasheet HTML 8Page - STMicroelectronics STR912FM34X6T Datasheet HTML 9Page - STMicroelectronics STR912FM34X6T Datasheet HTML 10Page - STMicroelectronics STR912FM34X6T Datasheet HTML 11Page - STMicroelectronics STR912FM34X6T Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
Functional overview
STR91xF
8/72
length instructions. The PFQ will fetch 32-bits at a time from the Burst Flash memory at a rate
of up to 96 MHz.
2.4.2
Branch Cache (BC)
When instruction addresses are not sequential, such as a program branch situation, the PFQ
would have to flush and reload which would cause the CPU to stall if no BC were present.
Before reloading, the PFQ checks the BC to see if it contains the desired target branch
address. The BC contains up to four of the most recently taken branch addresses and the first
four instructions associated with each of these branches. This check is extremely fast, checking
all four BC entries simultaneously for a branch address match (cache hit). If there is a hit, the
the BC immediately supplies the instruction and prevents a CPU stall. This gives the PFQ time
to start pre-fetching again while the CPU consumes these four instructions from the BC. The
advantage here is that program loops (very common with embedded control applications) run
very fast if the address of the loops are contained in the BC.
In addition, there is a 5th branch cache entry that is dedicated to the Vectored Interrupt
Controller (VIC) to further reduce interrupt latency by eliminating the stall latency typically
imposed by fetching the instruction that reads the interrupt vector address from the VIC.
2.4.3
Management of literals
Typical ARM architecture and compilers do not place literals (data constants) sequentially in
Flash memory with the instructions that use them, but instead the literals are placed at some
other address which looks like a program branch from the PFQ’s point of view. The STR91xF
implementation of the ARM966E-S core has special circuitry to prevent flushing the PFQ when
literals are encountered in program flow to keep performance at a maximum.


Similar Part No. - STR912FM34X6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR912FM42X6T STMICROELECTRONICS-STR912FM42X6T Datasheet
1Mb / 73P
   ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR912FM44X6T STMICROELECTRONICS-STR912FM44X6T Datasheet
1Mb / 73P
   ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR912FM92X6T STMICROELECTRONICS-STR912FM92X6T Datasheet
1Mb / 73P
   ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR912FM94X6T STMICROELECTRONICS-STR912FM94X6T Datasheet
1Mb / 73P
   ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
More results

Similar Description - STR912FM34X6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR91XFAX3X STMICROELECTRONICS-STR91XFAX3X Datasheet
1Mb / 101P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR91XFA STMICROELECTRONICS-STR91XFA Datasheet
1Mb / 78P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR91XFAX32 STMICROELECTRONICS-STR91XFAX32 Datasheet
1Mb / 99P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR91XF STMICROELECTRONICS-STR91XF_07 Datasheet
1Mb / 73P
   ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR71XF STMICROELECTRONICS-STR71XF Datasheet
678Kb / 49P
   ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
   ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR71XFXX STMICROELECTRONICS-STR71XFXX Datasheet
1Mb / 80P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
April 2013 Rev 13
STR71XF STMICROELECTRONICS-STR71XF_07 Datasheet
1Mb / 77P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STRT71XF STMICROELECTRONICS-STRT71XF Datasheet
1Mb / 74P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XF STMICROELECTRONICS-STR71XF_08 Datasheet
1Mb / 78P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com