Electronic Components Datasheet Search |
|
S71PL127JB0BAW0Z2 Datasheet(PDF) 3 Page - SPANSION |
|
S71PL127JB0BAW0Z2 Datasheet(HTML) 3 Page - SPANSION |
3 / 24 page This document contains information on one or more products under development at Spansion LLC. The information is intended to help you eval- uate this product. Do not design in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work on this proposed product without notice. Publication Number S71PL-J_00 Revision B Amendment 3 Issue Date March 17, 2006 Distinctive Characteristics MCP Features Power supply voltage of 2.7 V to 3.1 V High performance — 65 ns (65 ns Flash, 70 ns pSRAM) Packages — 7 x 9 x 1.2mm 56 ball FBGA — 8 x 11.6 x 1.2mm 64 ball FBGA — 8 x 11.6 x 1.4mm 84 ball FBGA Operating Temperature —–25°C to +85°C —–40°C to +85°C General Description The S71PL series is a product line of stacked Multi-Chip Product (MCP) packages and consists of: One or more S29PL (Simultaneous Read/Write) Flash memory die pSRAM or SRAM (See “Referenced Data Sheets” on page 2) The 256Mb Flash memory consists of two S29PL127J devices. In this case, CE#f2 is used to access the second Flash and no extra address lines are required. The products covered by this document are listed in the table below: Notes: 1. Not recommended for new designs; use pSRAM based MCPs instead. 2. Not recommended for new designs: use S71PL127N and S71PL256N instead. S71PL-J Based MCPs Stacked Multi-Chip Product (MCP) Flash Memory and RAM 256M/128/64/32 Megabit (16/8/4/2M x 16-bit) CMOS 3.0 Volt-only Simultaneous Operation Page Mode Flash Memory and 64/32/16/8/4 Megabit (4M/2M/1M/512K/256K x 16-bit) Static RAM/Pseudo Static RAM Data Sheet ADVANCE INFORMATION Flash Memory Density 32Mb 64Mb 128Mb (Note 2) 256Mb (Note 2) pSRAM Density 4 Mb S71PL032J40 8 Mb S71PL032J80 S71PL064J80 16 Mb S71PL032JA0 S71PL064JA0 32 Mb S71PL064JB0 S71PL127JB0 64 Mb S71PL127JC0 S71PL254JC0 Flash Memory Density 32Mb 64Mb SRAM Density (Note 1) 4 Mb S71PL032J04 8 Mb S71PL032J08 S71PL064J08 16 Mb S71PL064J0A |
Similar Part No. - S71PL127JB0BAW0Z2 |
|
Similar Description - S71PL127JB0BAW0Z2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |