Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR911FM42X6T Datasheet(PDF) 9 Page - STMicroelectronics

Part # STR911FM42X6T
Description  ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR911FM42X6T Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STR911FM42X6T Datasheet HTML 5Page - STMicroelectronics STR911FM42X6T Datasheet HTML 6Page - STMicroelectronics STR911FM42X6T Datasheet HTML 7Page - STMicroelectronics STR911FM42X6T Datasheet HTML 8Page - STMicroelectronics STR911FM42X6T Datasheet HTML 9Page - STMicroelectronics STR911FM42X6T Datasheet HTML 10Page - STMicroelectronics STR911FM42X6T Datasheet HTML 11Page - STMicroelectronics STR911FM42X6T Datasheet HTML 12Page - STMicroelectronics STR911FM42X6T Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
STR91xF
Functional overview
9/72
Figure 1.
STR91xF block diagram
STR91xF
External Memory
Interface (EMI)***,
Muxed Address/Data
USB* Full Speed, 10
Endpoints with FIFOs
Programmable DMA
Controller (8 ch.)
AHB
to
APB
PLL, Power Management,
and Supervisory Reset
4 MHz to
25
MHz XTAL
USB Bus
JTAG
1.8V
3.0 or 3.3V
GND
CORE SUPPLY, VDD
I/O SUPPLY, VDDQ
(4) 16-bit Timers,
CAPCOM, PWM
8 Channel 10-bit
ADC
CAN 2.0B
(2) SPI
(2) I2C
Motor Control,
3-ph Induction
(80) GPIO
(3) UART w/ IrDA
Request
from
UART,
I2C,
SPI,
Timers,
Ext Req
* USB not available on STR910
Programmable Vectored
Interrupt Controller
Ethernet**
MAC, 10/100
Dedicated
DMA
To Ethernet
PHY (MII) **
EMI Ctrl
AMBA / AHBA Interface
Control Logic / BIU and Write Buffer
Data TCM
Interface
ARM966E-S
RISC CPU Core
Instruction
TCM
Interface
JTAG
Debug
and
ETM
64K or 96K
Byte
SRAM
Arbiter
Burst Interface
Pre-Fetch Que
and Branch
Cache
Stacked Burst Flash Memory Die
Main Flash 256K,
or 512K Bytes
Burst Interface
2nd
Flash
32K
Bytes
JTAG ISP
CORE GND, VSS
Real Time Clock
32K Hz
XTAL
Wake Up
Watchdog Tmr
ETM
Programmable Vectored
Interrupt Controllers
16
32
48
GND
I/O GND, VSSQ
AVDD
AVREF*
AVSS
BACKUP
SUPPLY
VBATT
RTC
*** EMI not available on LQFP80
** Ethernet MAC not available on STR910F and STR911F


Similar Part No. - STR911FM42X6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR911FM42X6T STMICROELECTRONICS-STR911FM42X6T Datasheet
1Mb / 73P
   ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
More results

Similar Description - STR911FM42X6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR91XFAX3X STMICROELECTRONICS-STR91XFAX3X Datasheet
1Mb / 101P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR91XFA STMICROELECTRONICS-STR91XFA Datasheet
1Mb / 78P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR91XFAX32 STMICROELECTRONICS-STR91XFAX32 Datasheet
1Mb / 99P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR91XF STMICROELECTRONICS-STR91XF_07 Datasheet
1Mb / 73P
   ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR71XF STMICROELECTRONICS-STR71XF Datasheet
678Kb / 49P
   ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
   ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR71XFXX STMICROELECTRONICS-STR71XFXX Datasheet
1Mb / 80P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
April 2013 Rev 13
STR71XF STMICROELECTRONICS-STR71XF_07 Datasheet
1Mb / 77P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STRT71XF STMICROELECTRONICS-STRT71XF Datasheet
1Mb / 74P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XF STMICROELECTRONICS-STR71XF_08 Datasheet
1Mb / 78P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com