Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR911FM42X6T Datasheet(PDF) 7 Page - STMicroelectronics

Part # STR911FM42X6T
Description  ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR911FM42X6T Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STR911FM42X6T Datasheet HTML 3Page - STMicroelectronics STR911FM42X6T Datasheet HTML 4Page - STMicroelectronics STR911FM42X6T Datasheet HTML 5Page - STMicroelectronics STR911FM42X6T Datasheet HTML 6Page - STMicroelectronics STR911FM42X6T Datasheet HTML 7Page - STMicroelectronics STR911FM42X6T Datasheet HTML 8Page - STMicroelectronics STR911FM42X6T Datasheet HTML 9Page - STMicroelectronics STR911FM42X6T Datasheet HTML 10Page - STMicroelectronics STR911FM42X6T Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
STR91xF
Functional overview
7/72
2
Functional overview
2.1
System-in-a-Package (SiP)
The STR91xF is a SiP device, comprised of two stacked die. One die is the ARM966E-S CPU
with peripheral interfaces and analog functions, and the other die is the burst Flash. The two die
are connected to each other by a custom high-speed 32-bit burst memory interface and a serial
JTAG test/programming interface.
2.2
Package choice
STR91xF devices are available in 128-pin (14 x 14 mm) and 80-pin (12 x 12 mm) LQFP
packages. Refer to the table on the first page and to Table 27 on page 69 for a list of available
peripherals for each of the package choices.
2.3
ARM966E-S CPU core
The ARM966E-S core inherently has separate instruction and data memory interfaces (Harvard
architecture), allowing the CPU to simultaneously fetch an instruction, and read or write a data
item through two Tightly-Coupled Memory (TCM) interfaces as shown in Figure 1. The result is
streamlined CPU Load and Store operations and a significant reduction in cycle count per
instruction. In addition to this, a 5-stage pipeline is used to increase the amount of operational
parallelism, giving the most performance out of each clock cycle.
Ten DSP-enhanced instruction extensions are supported by this core, including single-cycle
execution of 32x16 Multiply-Accumulate, saturating addition/subtraction, and count leading-
zeros. As an example of efficient signal processing, a 512-point FFT takes just 29K CPU cycles
on the ARM966E-S core(a).
The ARM966E-S core is binary compatible with 32-bit ARM7 code and 16-bit Thumb® code.
2.4
Burst Flash memory interface
A Burst Flash memory interface (Figure 1) has been integrated into the Instruction TCM
(I-TCM) path of the ARM966E-S core. Also in this path is a 4-instruction Pre-Fetch Queue
(PFQ) and a 4-entry Branch Cache (BC), enabling the ARM966E-S core to perform up to 96
MIPS while executing code directly from Flash memory. This architecture provides high
performance levels without a costly instruction SRAM, instruction cache, or external SDRAM.
Eliminating the instruction cache also means interrupt latency is reduced and code execution
becomes more deterministic.
2.4.1
Pre-Fetch Queue (PFQ)
As the CPU core accesses sequential instructions through the I-TCM, the PFQ always looks
ahead and will pre-fetch instructions, taking advantage any idle bus cycles due to variable
a.
“ARM DSP-Enhanced Extensions”, page 3, White Paper from ARM Ltd., 2001


Similar Part No. - STR911FM42X6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR911FM42X6T STMICROELECTRONICS-STR911FM42X6T Datasheet
1Mb / 73P
   ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
More results

Similar Description - STR911FM42X6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR91XFAX3X STMICROELECTRONICS-STR91XFAX3X Datasheet
1Mb / 101P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR91XFA STMICROELECTRONICS-STR91XFA Datasheet
1Mb / 78P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR91XFAX32 STMICROELECTRONICS-STR91XFAX32 Datasheet
1Mb / 99P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR91XF STMICROELECTRONICS-STR91XF_07 Datasheet
1Mb / 73P
   ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR71XF STMICROELECTRONICS-STR71XF Datasheet
678Kb / 49P
   ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
   ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR71XFXX STMICROELECTRONICS-STR71XFXX Datasheet
1Mb / 80P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
April 2013 Rev 13
STR71XF STMICROELECTRONICS-STR71XF_07 Datasheet
1Mb / 77P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STRT71XF STMICROELECTRONICS-STRT71XF Datasheet
1Mb / 74P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XF STMICROELECTRONICS-STR71XF_08 Datasheet
1Mb / 78P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com