Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM7720DEX-100.M-T500 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SM7720DEX-100.M-T500
Description  1.8 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SM7720DEX-100.M-T500 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SM7720DEX-100.M-T500 Datasheet HTML 1Page - List of Unclassifed Manufacturers SM7720DEX-100.M-T500 Datasheet HTML 2Page - List of Unclassifed Manufacturers SM7720DEX-100.M-T500 Datasheet HTML 3Page - List of Unclassifed Manufacturers SM7720DEX-100.M-T500 Datasheet HTML 4Page - List of Unclassifed Manufacturers SM7720DEX-100.M-T500 Datasheet HTML 5Page - List of Unclassifed Manufacturers SM7720DEX-100.M-T500 Datasheet HTML 6Page - List of Unclassifed Manufacturers SM7720DEX-100.M-T500 Datasheet HTML 7Page - List of Unclassifed Manufacturers SM7720DEX-100.M-T500 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product information is current as of publication date. The product conforms
Copyright © 2005, 2006, Pletronics Inc.
to specifications per the terms of the Pletronics standard warranty. Production
processsing does not necessarily include testing of all parameters.
SM77D Series 1.8 V
CMOS Clock Oscillators
October 2006
• Pletronics’ SM77D Series is a quartz crystal
controlled precision square wave generator
with a CMOS output.
• The SM77D series will directly interface TTL
devices also.
• The package is designed for high density
surface mount designs.
• This is a low cost mass produced oscillator.
• Tape and Reel or Tube packaging is available.
• 70 to 165 MHz
• 5 x 7 mm LCC Ceramic Package
• Enable/Disable Function
• Disable function includes low standby power
mode
•3rd Overtone Crystals used
• Improved circuit to minimize oscillator issues
such as multi-mode output signal.
• Low Jitter
Capable of driving up to 15pF capacitive loads
Pletronics Inc. certifies this device is in accordance with the
RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s
Weight of the Device: 0.17 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e4
Absolute Maximum Ratings:
Parameter
Unit
V
CC Supply Voltage
-0.5V to +5.0V
Vi
Input Voltage
-0.5V to V
CC + 0.5V
Vo Output Voltage
-0.5V to V
CC + 0.5V
Thermal Characteristics
The maximum die or junction temperature is 155oC
The thermal resistance junction to board is 30 to 50oC/Watt depending on the solder pads, ground plane
and construction of the PCB.


Similar Part No. - SM7720DEX-100.M-T500

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM7720DEX PLETRONICS-SM7720DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
More results

Similar Description - SM7720DEX-100.M-T500

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM7745MEX PLETRONICS-SM7745MEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745GEX PLETRONICS-SM7745GEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545GEX PLETRONICS-SM5545GEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545MEX PLETRONICS-SM5545MEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7645DEX PLETRONICS-SM7645DEX Datasheet
203Kb / 9P
   1.8 V CMOS Clock Oscillators
SQ3345DESX PLETRONICS-SQ3345DESX Datasheet
133Kb / 7P
   1.8 V CMOS Clock Oscillators
SM7745HEX PLETRONICS-SM7745HEX Datasheet
110Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545TX-750M-T250 PLETRONICS-SM5545TX-750M-T250 Datasheet
110Kb / 8P
   SM55T Series 1.8 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com