Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S75PL256NDGJAWGZ3 Datasheet(PDF) 3 Page - SPANSION

Part # S75PL256NDGJAWGZ3
Description  Stacked Multi-Chip Product (MCP)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75PL256NDGJAWGZ3 Datasheet(HTML) 3 Page - SPANSION

  S75PL256NDGJAWGZ3 Datasheet HTML 1Page - SPANSION S75PL256NDGJAWGZ3 Datasheet HTML 2Page - SPANSION S75PL256NDGJAWGZ3 Datasheet HTML 3Page - SPANSION S75PL256NDGJAWGZ3 Datasheet HTML 4Page - SPANSION S75PL256NDGJAWGZ3 Datasheet HTML 5Page - SPANSION S75PL256NDGJAWGZ3 Datasheet HTML 6Page - SPANSION S75PL256NDGJAWGZ3 Datasheet HTML 7Page - SPANSION S75PL256NDGJAWGZ3 Datasheet HTML 8Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
This document contains information on one or more products under development at Spansion LLC. The information is intended to help you evaluate this product. Do not design
in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work on this proposed product without notice.
Publication Number S75PL-N_00
Revision 01E
Issue Date April 21, 2006
Features
„ Speed
– PL-N: 70 ns (initial access, 30 ns page access)
– ML-P: 30 ns (page access)
– pSRAM: 70 ns
„ 107-Ball Fine-Pitch Ball Grid Array (FBGA)
– 9 x 12 x 1.4mm for ML512P based MCP's
– 11 x 13 x 1.4mm for ML01GP based MCPs
„ Operating Temperature Range
– Temperature Range of –25°C to +85°C
General Description
This document contains information for the S75PL-N MirrorBit MCP product. TheS75PL-N product consists of the following
devices:
„ S29PL-N
„ S30ML-P
„ 3V pSRAM
Flash/RAM Combinations Table
Product Selector Guide
For detailed specifications, please refer to the individual data sheets:
S75PL-N MirrorBit
ORNANDMCPs
Stacked Multi-Chip Product (MCP)
S29PL-N: CMOS 3.0 Volt-only Simultaneous Read/Write,
Page-mode Flash Memory (NOR Interface)
S30ML-P: ORNAND Flash (NAND interface)
3V pSRAM
Data Sheet (Advance Information)
S29PL127N +
pSRAM Density
32 Mb
64 Mb
S30ML512P
S75PL127NBF
S30ML01GP
Device
pSRAM Density
pSRAM Type
S75PL127NBF
32 Mb
pSRAM Type 7
Document
Publication Identification Number (PID)
S29PL-N
S29PL-N_M0
S30ML-P
S30ML-GP_00
32M pSRAM Type 7
pSRAM_29


Similar Part No. - S75PL256NDGJAWGZ3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75PL127J SPANSION-S75PL127J Datasheet
4Mb / 183P
   Power supply woltage of 2.7 to 3.1 volt
S75PL127JBD SPANSION-S75PL127JBD Datasheet
4Mb / 183P
   Power supply woltage of 2.7 to 3.1 volt
S75PL127JBDBAWB0 SPANSION-S75PL127JBDBAWB0 Datasheet
4Mb / 183P
   Power supply woltage of 2.7 to 3.1 volt
S75PL127JBDBAWB2 SPANSION-S75PL127JBDBAWB2 Datasheet
4Mb / 183P
   Power supply woltage of 2.7 to 3.1 volt
S75PL127JBDBAWB3 SPANSION-S75PL127JBDBAWB3 Datasheet
4Mb / 183P
   Power supply woltage of 2.7 to 3.1 volt
More results

Similar Description - S75PL256NDGJAWGZ3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S73WS256N SPANSION-S73WS256N Datasheet
5Mb / 251P
   Stacked Multi-Chip Product (MCP)
S71GL512NB0 SPANSION-S71GL512NB0 Datasheet
3Mb / 147P
   Stacked Multi-chip Product (MCP)
S71WS-N SPANSION-S71WS-N Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS-NX0 SPANSION-S71WS-NX0 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S75WS256NXX SPANSION-S75WS256NXX Datasheet
3Mb / 216P
   Stacked Multi-Chip Product (MCP)
S71GLXXXNC0 SPANSION-S71GLXXXNC0 Datasheet
1Mb / 122P
   Stacked Multi-chip Product (MCP)
S71WS-J SPANSION-S71WS-J Datasheet
4Mb / 186P
   Stacked Multi-Chip Product (MCP)
S73WS-P SPANSION-S73WS-P Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS-N SPANSION-S75WS-N Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com