Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOHC-PH2600PP Datasheet(PDF) 2 Page - ITT Industries

Part # FOHC-PH2600PP
Description  Fiber Optic Contacts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

FOHC-PH2600PP Datasheet(HTML) 2 Page - ITT Industries

  FOHC-PH2600PP Datasheet HTML 1Page - ITT Industries FOHC-PH2600PP Datasheet HTML 2Page - ITT Industries FOHC-PH2600PP Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.ittcannon.com
297
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
Fiber Optic Contacts
FOHC
Ceramic Tip Optical Contacts
How to Order Fiber Opitc Hybrid Contacts
SERIES
SERIES
FOHC
Adapter for in-line cable mechanical splice.
Receptacle for mounting T0-18/T0-46/T0-52 devices.
SERIES - Fiber Optic Hybrid Contacts
SEALING
SHELL STYLE
3 - Receptacle, Device, PCB Mount
4 - Receptacle, Device, Flange Mount
7 - Receptacle, Adapter, In-Line Cable
Panel Mount
N - Non-Sealed
S - Sealed
-
-
*
*
SHELL STYLE
SEALING
FOHC
P
A
1422
J
P
-
SERIES
P - Pin
S - Socket
- Fiber Optic Hybrid Contacts
GENDER
GENDER
TERMINUS/CONNECTOR SERIES
TERMINUS/CONNECTOR SERIES
HOLE SIZE (1422 means 142.2 microns)
HOLE SIZE (MICRONS)* - JEWEL
HOLE SIZE (MICRONS)* - CERAMIC TIP
ALIGNMENT SYSTEM
PREFORM
ALIGNMENT SYSTEM
PREFORM
PIN BODY
PIN BODY
CONNECTOR RETENTION CLIP
CERAMIC TIP
CERAMIC TIP
RETAINING RING
RESILIENT ALIGNMENT SLEEVE
CONNECTOR RETENTION CLIP
CERAMIC TIP
CERAMIC TIP
RETENTION SLEEVE
RETENTION SLEEVE
SOCKET BODY
SOCKET BODY
COMPRESSION SPRING
COMPRESSION SPRING
RETAINING RING
RESILIENT ALIGNMENT SLEEVE
How to Order Fiber Optic Receptacles (Mates with MIL-T-29504/4 Contacts)
ITT Cannon's new precision optical contacts offer
superior coupling performance and a simplified
termination process. Ceramic zirconia tips more
accurately center the fiber within the contact body.
A rugged thermoplastic alignment sleeve precisely
aligns the mating contacts. Solid state epoxy re-
tained within the contact eliminates any handling of
epoxy
MIL-C-29504/4
&
/5:
For
use
in
MIL-C-38999 Series I, III & IV Connectors.
MIL-T-29504/10
&
/11:
For
use
in
MIL-C-83723
Series
I,
III;
MIL-C-83733;
and
MIL-C-26482
Series
II
Connectors.
MIL-C-29504/6
&
7;
For
use
in
MIL-C-83527;
MIL-C-81659;
ARINC
600;
and ARINC 404 Connectors.
(No Terminus Spec): For use in MIL-C-26482
Series
I
&
MIL-C-26500
Connectors.
(No Terminus Spec): For use in MIL-C-83723
Series
II
&
MIL-C-5015G
Connectors.
MIL-C-29504/8
&
/9:
For
use
in
MIL-C-28840 Connectors.
(No Terminus Spec): For use in MIL-C-83723
Series III/82, /83, /86 & /87 Connectors.
(No Terminus spec): For use in D*M Mark I,
G06, E2P (DIN) Fiber Optic/Coaxial Housing.
A -
B -
C -
D -
E -
F -
G -
H -
1219 1321 1422 1650 2200 2400 2600 2800
1245 1346 1447 1700 2250 2450 2650
1270 1372 1550 1750 2300 2500 2700
1295 1397 1600 1800 2350 2550 2750
1250
1270
1290
J - Jewel, Synthetic Ruby
P - Precision Ceramic Tip
P - Preform Epoxy Supplied (available for termi-
nus/connector series A, B and G only)
N - No Preform Epoxy Supplied
*For Size not listed, consult factory.
1400
1420
1440
1700
1720
1740


Similar Description - FOHC-PH2600PP

ManufacturerPart #DatasheetDescription
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
OPF670-1 OPTEK-OPF670-1_14 Datasheet
331Kb / 2P
   Fiber Optic Transmitter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com