Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74SSTV16857 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HD74SSTV16857
Description  1:1 14-bit SSTL-2 Registered Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74SSTV16857 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HD74SSTV16857 Datasheet HTML 4Page - Hitachi Semiconductor HD74SSTV16857 Datasheet HTML 5Page - Hitachi Semiconductor HD74SSTV16857 Datasheet HTML 6Page - Hitachi Semiconductor HD74SSTV16857 Datasheet HTML 7Page - Hitachi Semiconductor HD74SSTV16857 Datasheet HTML 8Page - Hitachi Semiconductor HD74SSTV16857 Datasheet HTML 9Page - Hitachi Semiconductor HD74SSTV16857 Datasheet HTML 10Page - Hitachi Semiconductor HD74SSTV16857 Datasheet HTML 11Page - Hitachi Semiconductor HD74SSTV16857 Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
HD74SSTV16857
Rev.6, Jun. 2001, page 8 of 15
Switching Characteristics
Item
Symbol
V
CC = 2.5 ± 0.2 V
Unit
Test Condition
Min
Max
Clock frequency
*1
f
clock
200
MHz
Setup time
Fast slew rate
*4, 6
t
su
0.75
ns
Data before CLK
↑, CLK↓
Slow slew rate
*5, 6
0.9
Hold time
Fast slew rate
*4, 6
t
h
0.75
ns
Data after CLK
↑, CLK↓
Slow slew rate
*5, 6
0.9
Differential inputs
active time
t
act
22
ns
Data inputs must be low
after
RESET high.
Differential inputs
inactive time
t
inact
22
ns
Data and clock inputs
must be held at valid
levels (not floating) after
RESET low.
Pulse width
t
w
2.5
ns
CLK
, CLK “H” or “L”
Output slew
*3
t
SL
1
4
volt/ns
(C
L = 30 pF, RL = 50 Ω, VREF = VTT = VDDQ × 0.5)
Item
Symbol
V
CC = 2.5 ± 0.2 V
Unit
FROM
TO
Min
Typ
Max
(Input)
(Output)
Maximum clock frequency
f
max
200
——
MHz
Propagation delay time
*2
t
PLH, tPHL
1.1
2.8
ns
CLK,
CLK Q
t
PHL
——
5.0
RESET
Q
Notes: 1. Although the clock is differential, all timing is relative to CLK going high and
CLK going low.
2. This timing relationship is specified into test load (see waveforms – 3, 4) with all of the outputs
switching.
3. Assumes into an equivalent, distributed load to the address net structure defined in the
application information provided in this specification.
4. For data signal input slew rate
≥ 1 V/ns.
5. For data signal input slew rate
≥ 0.5 V/ns and < 1 V/ns.
6. CLK,
CLK signals input slew rates are ≥ 1 V/ns.


Similar Part No. - HD74SSTV16857

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74SSTV16857 RENESAS-HD74SSTV16857 Datasheet
252Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857A RENESAS-HD74SSTV16857A Datasheet
215Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857ANEL RENESAS-HD74SSTV16857ANEL Datasheet
215Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857ATEL RENESAS-HD74SSTV16857ATEL Datasheet
215Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857B RENESAS-HD74SSTV16857B Datasheet
3Mb / 16P
   1:1 14-bit SSTL_2 Registered Buffer
More results

Similar Description - HD74SSTV16857

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74SSTV16857 RENESAS-HD74SSTV16857 Datasheet
252Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857A RENESAS-HD74SSTV16857A Datasheet
215Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857B RENESAS-HD74SSTV16857B Datasheet
3Mb / 16P
   1:1 14-bit SSTL_2 Registered Buffer
logo
Pericom Semiconductor C...
PI74SSTU32864 PERICOM-PI74SSTU32864 Datasheet
597Kb / 10P
   25-Bit 1:1 or 14-Bit 1:2 Configurable Registered Buffer
logo
Texas Instruments
SN74SSTVF16857 TI-SN74SSTVF16857 Datasheet
170Kb / 10P
[Old version datasheet]   14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
logo
Integrated Device Techn...
IDT74SSTU32864 IDT-IDT74SSTU32864 Datasheet
139Kb / 12P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
IDT74SSTU32864 IDT-IDT74SSTU32864_07 Datasheet
179Kb / 12P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
IDT74SSTU32D869 IDT-IDT74SSTU32D869 Datasheet
223Kb / 16P
   14-BIT 1:2 REGISTERED BUFFER WITH PARITY
logo
Renesas Technology Corp
IDT74SSTU32864 RENESAS-IDT74SSTU32864 Datasheet
340Kb / 13P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
APRIL 2006
logo
Texas Instruments
SN74SSTVF16857 TI1-SN74SSTVF16857_09 Datasheet
347Kb / 12P
[Old version datasheet]   14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com