Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4684XG Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 4684XG
Description  Chip Scale Packaging, Low-Voltage 0.4ohm, D ual, SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

4684XG Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  4684XG Datasheet HTML 1Page - List of Unclassifed Manufacturers 4684XG Datasheet HTML 2Page - List of Unclassifed Manufacturers 4684XG Datasheet HTML 3Page - List of Unclassifed Manufacturers 4684XG Datasheet HTML 4Page - List of Unclassifed Manufacturers 4684XG Datasheet HTML 5Page - List of Unclassifed Manufacturers 4684XG Datasheet HTML 6Page - List of Unclassifed Manufacturers 4684XG Datasheet HTML 7Page - List of Unclassifed Manufacturers 4684XG Datasheet HTML 8Page - List of Unclassifed Manufacturers 4684XG Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SGM4684
TEST CIRCUITS
V1
10mA
NO or NC
COM
VNO or VNC
RON = V1/10mA
Test Circuit 1. On Resistance
VCOM
NO or NC
COM
A
VNO or VNC
INC(OFF) or INO(OFF)
VCOM
NO or NC
COM
A
VNO or VNC
ICOM(ON)
Test Circuit 2: Off Leakage
Test Circuit 3: On Leakage
VOUT
NO or NC
COM
VNO or VNC
RL
300
Ω
V+
GND
CL
35pF
IN
0.1µF
V+
VOUT
VIN
50%
90%
50%
90%
tON
tOFF
Test Circuit 4: Switching Times
VOUT
NO or NC
COM
VG
V+
GND
CL
1nF
IN
0.1µF
V+
VOUT
VIN
RG
Δ
VOUT
ON
OFF
ON
V+
0V
VIN
Test Circuit 5: Charge Injection


Similar Part No. - 4684XG

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4684 POMONA-4684 Datasheet
22Kb / 1P
   Adapter - BNC Female To Banana Plug With Ground Lead
logo
List of Unclassifed Man...
4684 ETC-4684 Datasheet
91Kb / 1P
   Heyco짰-Tite EMC Brass Locknuts
logo
Heyco.
4684 HEYCO-4684 Datasheet
250Kb / 1P
   Heyco®-Tite EMC-2 Brass Liquid Tight Cordgrips
More results

Similar Description - 4684XG

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A4684 PERICOM-PI5A4684 Datasheet
611Kb / 8P
   Chip Scale Packaging, Dual SPDT Analog Switch
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684 Datasheet
267Kb / 10P
   Chip Scale Packaging, Low-Voltage 0.4廓, Dual, SPDT Analog Switch
logo
Leshan Radio Company
LR1552 LRC-LR1552 Datasheet
239Kb / 7P
   Dual SPDT Analog Switch with Chip Scale Packaging
logo
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156 Datasheet
677Kb / 12P
   Low-Voltage SPST 0.4OHM Analog Switch
FSA2268 FAIRCHILD-FSA2268 Datasheet
89Kb / 2P
   Low-Voltage Dual-SPDT (0.4OHM) Analog Switch with 16kV ESD
logo
Pericom Semiconductor C...
PI3A412 PERICOM-PI3A412 Datasheet
738Kb / 11P
   0.4ohm, 3.3V, Quad SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2269 FAIRCHILD-FSA2269 Datasheet
97Kb / 2P
   Low-Voltage Dual-SPDT (0.4ohm) Analog Switch with Negative Swing Audio Capability
logo
Vishay Siliconix
DG2715 VISHAY-DG2715_11 Datasheet
120Kb / 9P
   Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
Rev. C, 28-Feb-11
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
   Low-Voltage SPDT Analog Switch
logo
ON Semiconductor
FSA4157 ONSEMI-FSA4157 Datasheet
376Kb / 13P
   Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com