Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM4684 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SGM4684
Description  Chip Scale Packaging, Low-Voltage 0.4ohm, D ual, SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SGM4684 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SGM4684 Datasheet HTML 1Page - List of Unclassifed Manufacturers SGM4684 Datasheet HTML 2Page - List of Unclassifed Manufacturers SGM4684 Datasheet HTML 3Page - List of Unclassifed Manufacturers SGM4684 Datasheet HTML 4Page - List of Unclassifed Manufacturers SGM4684 Datasheet HTML 5Page - List of Unclassifed Manufacturers SGM4684 Datasheet HTML 6Page - List of Unclassifed Manufacturers SGM4684 Datasheet HTML 7Page - List of Unclassifed Manufacturers SGM4684 Datasheet HTML 8Page - List of Unclassifed Manufacturers SGM4684 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SGM4684
TYPICAL PERFORMANCE CHARACTERISTICS
On Resistance vs.Supply Voltage vs.
Switch Voltage
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VCOM(V)
TA = +25℃
V+ = +5V
V+ = +2.7V
V+ = +3V
V+ = +4.5V
On Response vs.Frequency
-9
-6
-3
0
3
0.1
1
10
100
Frequency(MHz)
V+ = +5V
TA = +25℃
On Resistance vs.Switch Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
0
0.5
1
1.5
2
2.5
3
VCOM(V)
V+ = +3V
TA = +25℃
TA = -40℃
TA = +85℃
TA = +125℃
On Resistance vs.Switch Voltage
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VCOM(V)
V+ = +5V
TA = +25℃
TA = -40℃
TA = +85℃
TA = +125℃
Crosstalk vs.Frequency
-110
-100
-90
-80
-70
-60
-50
0.01
0.1
1
10
Frequency(MHz)
VDD = +5V
TA = +25℃
Off Isolation vs.Frequency
-100
-90
-80
-70
-60
-50
-40
-30
-20
0.01
0.1
1
10
Frequency(MHz)
V+ = +5V
TA = +25℃


Similar Part No. - SGM4684

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684 Datasheet
267Kb / 10P
   Chip Scale Packaging, Low-Voltage 0.4廓, Dual, SPDT Analog Switch
SGM4684XG/TR SGMICRO-SGM4684XG/TR Datasheet
267Kb / 10P
   Chip Scale Packaging, Low-Voltage 0.4廓, Dual, SPDT Analog Switch
SGM4684 SGMICRO-SGM4684_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
More results

Similar Description - SGM4684

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A4684 PERICOM-PI5A4684 Datasheet
611Kb / 8P
   Chip Scale Packaging, Dual SPDT Analog Switch
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684 Datasheet
267Kb / 10P
   Chip Scale Packaging, Low-Voltage 0.4廓, Dual, SPDT Analog Switch
logo
Leshan Radio Company
LR1552 LRC-LR1552 Datasheet
239Kb / 7P
   Dual SPDT Analog Switch with Chip Scale Packaging
logo
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156 Datasheet
677Kb / 12P
   Low-Voltage SPST 0.4OHM Analog Switch
FSA2268 FAIRCHILD-FSA2268 Datasheet
89Kb / 2P
   Low-Voltage Dual-SPDT (0.4OHM) Analog Switch with 16kV ESD
logo
Pericom Semiconductor C...
PI3A412 PERICOM-PI3A412 Datasheet
738Kb / 11P
   0.4ohm, 3.3V, Quad SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2269 FAIRCHILD-FSA2269 Datasheet
97Kb / 2P
   Low-Voltage Dual-SPDT (0.4ohm) Analog Switch with Negative Swing Audio Capability
logo
Vishay Siliconix
DG2715 VISHAY-DG2715_11 Datasheet
120Kb / 9P
   Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
Rev. C, 28-Feb-11
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
   Low-Voltage SPDT Analog Switch
logo
ON Semiconductor
FSA4157 ONSEMI-FSA4157 Datasheet
376Kb / 13P
   Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com