Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S72WS512NFG-NY Datasheet(PDF) 5 Page - SPANSION

Part # S72WS512NFG-NY
Description  Based MCP/PoP Products
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S72WS512NFG-NY Datasheet(HTML) 5 Page - SPANSION

  S72WS512NFG-NY Datasheet HTML 1Page - SPANSION S72WS512NFG-NY Datasheet HTML 2Page - SPANSION S72WS512NFG-NY Datasheet HTML 3Page - SPANSION S72WS512NFG-NY Datasheet HTML 4Page - SPANSION S72WS512NFG-NY Datasheet HTML 5Page - SPANSION S72WS512NFG-NY Datasheet HTML 6Page - SPANSION S72WS512NFG-NY Datasheet HTML 7Page - SPANSION S72WS512NFG-NY Datasheet HTML 8Page - SPANSION S72WS512NFG-NY Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
June 1, 2006 S72WS-N_00_A8
S72WS-N Based MCP/PoP Products
3
Advance
Informatio n
1
Product Selector Guide
1.1
NOR Flash + DRAM Products
Device-Model#
Flash
Density
(Code)
Flash
Density
(Data)
Burst
Speed
(MHz)
SDRAM
Density
SDRAM burst
Speed (MHz)
DRAM
Supplier
DYB
Package
S72WS256ND0BAWB7
256 Mb
54 MHz
128
104 MHz
1
sector
unprotected
9x12x1.2
S72WS256ND0BAWBB
2
S72WS256NDEBAWU7
256 Mb 256 Mb
54 MHz
128
104 MHz
1
sector
unprotected
9x12x1.4
S72WS256NDEBAWUB
2
S72WS256NEEBAWU7
256
1
S72WS256NEEBAWUB
2
S72WS256ND0BFWB7
256 Mb
54 MHz
128
104 MHz
1
sector
unprotected
9x12x1.2
S72WS256ND0BFWBB
2
S72WS256NDEBFWU7
256 Mb 256 Mb
54 MHz
128
104 MHz
1
sector
unprotected
9x12x1.4
S72WS256NDEBFWUB
2
S72WS256NEEBFWU7
256
1
S72WS256NEEBFWUB
2
S72WS256ND0KFWD3
256 Mb
66 MHz
128
133 MHz
(DDR)
5
sector
unprotected
15x15x1.25
S72WS256ND0BFW93
133 MHz
(DDR)
sector
unprotected
9x12x1.2


Similar Part No. - S72WS512NFG-NY

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72WS512PD0HF01G0 SPANSION-S72WS512PD0HF01G0 Datasheet
662Kb / 17P
   based MCP/PoP Products
S72WS512PD0HF01G2 SPANSION-S72WS512PD0HF01G2 Datasheet
662Kb / 17P
   based MCP/PoP Products
S72WS512PD0HF01G3 SPANSION-S72WS512PD0HF01G3 Datasheet
662Kb / 17P
   based MCP/PoP Products
S72WS512PD0HF01H0 SPANSION-S72WS512PD0HF01H0 Datasheet
662Kb / 17P
   based MCP/PoP Products
S72WS512PD0HF01H2 SPANSION-S72WS512PD0HF01H2 Datasheet
662Kb / 17P
   based MCP/PoP Products
More results

Similar Description - S72WS512NFG-NY

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72MS-P SPANSION-S72MS-P Datasheet
315Kb / 10P
   based MCP/PoP Products
S72WS-P SPANSION-S72WS-P Datasheet
662Kb / 17P
   based MCP/PoP Products
S75WS-P SPANSION-S75WS-P Datasheet
463Kb / 15P
   based MCP/POP Products
logo
International Rectifier
IRFP4228PBF IRF-IRFP4228PBF Datasheet
672Kb / 8P
   pop switch
logo
Integrated Silicon Solu...
IS31AP4915A ISSI-IS31AP4915A Datasheet
315Kb / 9P
   Pop reduction circuitry
logo
Samsung semiconductor
KBY00U00VA-B450 SAMSUNG-KBY00U00VA-B450 Datasheet
1Mb / 92P
   MCP Specification
logo
Nanya Technology Corpor...
NM1482KSLAXCL NANYA-NM1482KSLAXCL Datasheet
5Mb / 119P
   MCP Specification
NM4484NSPAXAE NANYA-NM4484NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
NM1281KSLAXAJ NANYA-NM1281KSLAXAJ Datasheet
5Mb / 118P
   MCP Specification
NM4482NSPAXAE NANYA-NM4482NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com