Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XFK-0401-2W Datasheet(PDF) 1 Page - PREMIER DEVICES, INC.

Part # XFK-0401-2W
Description  SURFACE MOUNT TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.

XFK-0401-2W Datasheet(HTML) 1 Page - PREMIER DEVICES, INC.

  XFK-0401-2W Datasheet HTML 1Page - PREMIER DEVICES, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1860 Hartog Drive, San Jose, California 95131 USA
Tel: 001-408-436-7720
Fax: 001-408-436-7689
Email: Sales@premierdevices.com
Leffelholzstr. 20, D-90441, Nurnberg, Germany
Tel: +49(0)911/9411 233
Fax: +49(0)911/9411 198
Email: Sales.germany@premierdevices.com
2/1-2F, No.99 Lane 2535 Gudai Rd, Shanghai, China PC 201100
Tel: (86)21-5416-8648
Fax: (86)21-5416-8753
Email: Sales.china@premierdevices.com
XFK-0401-2W
Features
SURFACE MOUNT TRANSFORMER
Frequency Range: 3 – 400 MHz
Impedance Ratio: 1:2, Unbalanced to Balanced
Industry Standard SMT package
Available in Tape-and –Reel
Low Cost
Description
The XFK-0401-2W transformer is designed for applications that
require small, low cost, and highly reliable surface mount components.
Applications may be found in broadband, wireless and other
communications systems.
Specifications
Absolute Maximum Ratings
Schematic
Package – S01
Pin Functions
Typical Test Data – Insertion Loss of two units back-to-back @ 25°C. Primary Impedance 50 Ohms.
Specifications and information on this data sheet are subject to change without notice.
Parameter
Minimum
Maximum
Frequency Range (MHz)
3.0
400
Insertion Loss <1dB
-
-
Insertion Loss <2dB
3.0
400
Insertion Loss <3dB
-
-
Impedance ratio
1:2
Type
Unbalanced to Balanced
Parameter
Maximum
RF Power
+33 dBm
Operating Temperature
-55 to +100 °C
Storage Temperature
-55 to +100 °C
Re-flow Temperature
+ 240 °C
Function
Pin
SECONDARY
1
SECONDARY CT
2
SECONDARY DOT
3
PRIMARY DOT
4
PRIMARY
5
Insertion Loss
-4
-3
-2
-1
0
3
52.63 102.3 151.9 201.5 251.1 300.8 350.4
400
Fre que ncy (M Hz)
dB
S21


Similar Part No. - XFK-0401-2W

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
XFK-0401-2WH PDI-XFK-0401-2WH Datasheet
55Kb / 1P
   SURFACE MOUNT TRANSFORMER
More results

Similar Description - XFK-0401-2W

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
XFA-0101-25B PDI-XFA-0101-25B Datasheet
49Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0101-25UH PDI-XFA-0101-25UH Datasheet
53Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0301-4W PDI-XFA-0301-4W Datasheet
48Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFK-0401-4W PDI-XFK-0401-4W Datasheet
52Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0101-1BH PDI-XFA-0101-1BH Datasheet
53Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0101-16U PDI-XFA-0101-16U Datasheet
49Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0301-2WH PDI-XFA-0301-2WH Datasheet
53Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0301-4B PDI-XFA-0301-4B Datasheet
48Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0401-4WH PDI-XFA-0401-4WH Datasheet
53Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFM-0401-4W PDI-XFM-0401-4W Datasheet
51Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0101-25U PDI-XFA-0101-25U Datasheet
49Kb / 1P
   SURFACE MOUNT TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com