Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S75NS128NCGJWJZ2 Datasheet(PDF) 4 Page - SPANSION

Part # S75NS128NCGJWJZ2
Description  MirrorBit 1.8 Volt-only Simultaneous Read/ Write, Burst-mode Multiplexed Flash (NOR Interface)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75NS128NCGJWJZ2 Datasheet(HTML) 4 Page - SPANSION

  S75NS128NCGJWJZ2 Datasheet HTML 1Page - SPANSION S75NS128NCGJWJZ2 Datasheet HTML 2Page - SPANSION S75NS128NCGJWJZ2 Datasheet HTML 3Page - SPANSION S75NS128NCGJWJZ2 Datasheet HTML 4Page - SPANSION S75NS128NCGJWJZ2 Datasheet HTML 5Page - SPANSION S75NS128NCGJWJZ2 Datasheet HTML 6Page - SPANSION S75NS128NCGJWJZ2 Datasheet HTML 7Page - SPANSION S75NS128NCGJWJZ2 Datasheet HTML 8Page - SPANSION S75NS128NCGJWJZ2 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2
S75NS-N
S75NS-N_00_01E May 3, 2006
Data
Sheet
(Adva n ce
In fo rma t io n)
1.
Ordering Information
The ordering part number is formed by a valid combination of the following:
1.1
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult your local
sales office to confirm availability of specific valid combinations and to check on newly released
combinations.
Notes:
1. Type 0 is standard. Specify other options as required.
2. The package marking omits the leading S and packing type designator from the ordering part number.
3. Contact factory for availability of any of the OPNs listed because RAM type availability may vary over time.
S75NS 128
N
B
G
J
W
JZ
0
Packing Type
0 = Tray
2 = 7-inch Tape and Reel
3 = 13-inch Tape and Reel
Model Number
Refer to the Valid Combinations table below
Temperature Range
W = Wireless (-25°C to +85°C)
Package Type
J = 1.4 mm height, 0.5mm ball size, Thin Fine-Pitch Ball Grid
Array (FBGA) Lead (Pb)-free Package (LF35)
ORNAND Data Density
F = 512 Mb
G = 01 Gb
pSRAM Density
B = 32 Mb
C = 64 Mb
Process Technology
N = 110 nm MirrorBit Technology
Flash Density
256 = 256 Mb
128 = 128 Mb
Device Family
S75NS = Multi-Chip Product 1.8 Volt-only Simultaneous Read/
Write Burst Mode Multiplexed Flash Memory + pSRAM +
ORNAND Data Storage
Table 1.1 MCP Configurations and Valid Combinations
Base Ordering Part
Number (Note 2)
Package &
Temperature
Model
Number
Packing
Type
pSRAM Type
Flash Speed
Options
pSRAM Speed
Options
S75NS128NBF
UJW
JZ
0, 2, 3
pSRAM Type 3
66 MHz
66 MHz
S75NS128NBG
JZ
pSRAM Type 3
66 MHz
66 MHz


Similar Part No. - S75NS128NCGJWJZ2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75NS128ND0ZFWNJ0 SPANSION-S75NS128ND0ZFWNJ0 Datasheet
5Mb / 211P
   1.8 Volt-only, Stacked Multi-Chip Product (MCP) x16 MirrorBit Flash Memory and DRAM
S75NS128ND0ZFWNJ2 SPANSION-S75NS128ND0ZFWNJ2 Datasheet
5Mb / 211P
   1.8 Volt-only, Stacked Multi-Chip Product (MCP) x16 MirrorBit Flash Memory and DRAM
S75NS128ND0ZFWNJ3 SPANSION-S75NS128ND0ZFWNJ3 Datasheet
5Mb / 211P
   1.8 Volt-only, Stacked Multi-Chip Product (MCP) x16 MirrorBit Flash Memory and DRAM
S75NS128ND0ZFWNK0 SPANSION-S75NS128ND0ZFWNK0 Datasheet
5Mb / 211P
   1.8 Volt-only, Stacked Multi-Chip Product (MCP) x16 MirrorBit Flash Memory and DRAM
S75NS128ND0ZFWNK2 SPANSION-S75NS128ND0ZFWNK2 Datasheet
5Mb / 211P
   1.8 Volt-only, Stacked Multi-Chip Product (MCP) x16 MirrorBit Flash Memory and DRAM
More results

Similar Description - S75NS128NCGJWJZ2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29NS-N SPANSION-S29NS-N_07 Datasheet
1Mb / 86P
   256/128/64 Megabit (16/8/4M x 16-bit), CMOS 1.8 Volt-only Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com