Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S71WS256PD0HFFLW0 Datasheet(PDF) 6 Page - SPANSION

Part # S71WS256PD0HFFLW0
Description  based MCP/POP Products
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS256PD0HFFLW0 Datasheet(HTML) 6 Page - SPANSION

Back Button S71WS256PD0HFFLW0 Datasheet HTML 2Page - SPANSION S71WS256PD0HFFLW0 Datasheet HTML 3Page - SPANSION S71WS256PD0HFFLW0 Datasheet HTML 4Page - SPANSION S71WS256PD0HFFLW0 Datasheet HTML 5Page - SPANSION S71WS256PD0HFFLW0 Datasheet HTML 6Page - SPANSION S71WS256PD0HFFLW0 Datasheet HTML 7Page - SPANSION S71WS256PD0HFFLW0 Datasheet HTML 8Page - SPANSION S71WS256PD0HFFLW0 Datasheet HTML 9Page - SPANSION S71WS256PD0HFFLW0 Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
4
S75WS-P based MCP/POP Products
S75WS-P_00_02 September 6, 2006
Da ta
Sh eet
( A dv an ce
In f o r m at io n)
4.
Connection Diagrams
4.1
12 x 12 mm PoP
3
29
10
5
47
68
1
13
12
15
14
17
16
18
11
A0
NC
A10
A12
A4
A2
N-VCC
A6
A8
NC
A-16
F-VCC
A20
A18
NC
A22
NC
A14
B
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
A
C
RFU
NC
A11
A13
A5
A3
VSS
A7
A9
NC
A17
VSS
A21
A19
NC
RFU
NC
A15
R-VSS
RFU
R-VSS
RFU
A1
RFU
A23
RFU
RFU
R-MRS
RFU
RFU
RFU
RFU
N-WE#
RFU
VSS
RFU
R-VCC
AVD#
RFU
R-CE#
WE#
OE#
N-CE#
RFU
RFU
RFU
N-CLE
N-ALE
R-CLK
F-CLK
N-RE#
N-RY/BY#
RFU
F-CE#
R-VSS
F-RDY/
R-WAIT
VSS
RFU
R-VCC
N-VCC
R-VCC
F-VCC
DQ15
DQ14
DQ1
DQ0
VSSQ
VCCQ
VSSQ
VCCQ
RFU
RFU
N-PRE
RFU
NC
NC
NC
NC
RFU
NC
F-ACC F-RST#
DQ10
DQ12
DQ8
VCCQ
R-UB#
NC
VCCQ
DQ6
DQ2
DQ4
NC
RFU
NC
R-LB#
Legend
All Shared
No Connect
NOR Flash Only
Reserved for Future Use
pSRAM Only
Flash Shared Only
ORNAND Flash Only
NOR/pSRAM Shared Only
RFU
N-WP# F-WP#
DQ11
DQ13
DQ9
VSSQ
RFU
VSSQ
DQ7
DQ3
DQ5
RFU
RFU


Similar Part No. - S71WS256PD0HFFLW0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71WS256PD0HF3HL0 SPANSION-S71WS256PD0HF3HL0 Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S71WS256PD0HF3HL2 SPANSION-S71WS256PD0HF3HL2 Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S71WS256PD0HF3HL3 SPANSION-S71WS256PD0HF3HL3 Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S71WS256PD0HF3HR0 SPANSION-S71WS256PD0HF3HR0 Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S71WS256PD0HF3HR2 SPANSION-S71WS256PD0HF3HR2 Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
More results

Similar Description - S71WS256PD0HFFLW0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72MS-P SPANSION-S72MS-P Datasheet
315Kb / 10P
   based MCP/PoP Products
S72WS-P SPANSION-S72WS-P Datasheet
662Kb / 17P
   based MCP/PoP Products
S72WS-N SPANSION-S72WS-N Datasheet
977Kb / 30P
   Based MCP/PoP Products
logo
International Rectifier
IRFP4228PBF IRF-IRFP4228PBF Datasheet
672Kb / 8P
   pop switch
logo
Integrated Silicon Solu...
IS31AP4915A ISSI-IS31AP4915A Datasheet
315Kb / 9P
   Pop reduction circuitry
logo
Samsung semiconductor
KBY00U00VA-B450 SAMSUNG-KBY00U00VA-B450 Datasheet
1Mb / 92P
   MCP Specification
logo
Nanya Technology Corpor...
NM1482KSLAXCL NANYA-NM1482KSLAXCL Datasheet
5Mb / 119P
   MCP Specification
NM4484NSPAXAE NANYA-NM4484NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
NM1281KSLAXAJ NANYA-NM1281KSLAXAJ Datasheet
5Mb / 118P
   MCP Specification
NM4482NSPAXAE NANYA-NM4482NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com