Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7513FTG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV7513FTG
Description  FLEXMOS Hex Low?뭆ide MOSFET Pre?묭river
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7513FTG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV7513FTG Datasheet HTML 4Page - ON Semiconductor NCV7513FTG Datasheet HTML 5Page - ON Semiconductor NCV7513FTG Datasheet HTML 6Page - ON Semiconductor NCV7513FTG Datasheet HTML 7Page - ON Semiconductor NCV7513FTG Datasheet HTML 8Page - ON Semiconductor NCV7513FTG Datasheet HTML 9Page - ON Semiconductor NCV7513FTG Datasheet HTML 10Page - ON Semiconductor NCV7513FTG Datasheet HTML 11Page - ON Semiconductor NCV7513FTG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
NCV7513
http://onsemi.com
8
ELECTRICAL CHARACTERISTICS (continued) (4.75 V
vVCCXv5.25 V, VDD = VCCX, −40°CvTJv125°C, unless otherwise
specified.) (Note 8)
Characteristic
Symbol
Conditions
Min
Typ
Max
Unit
Serial Peripheral Interface (continued) (Figure 9) Vccx = 5.0 V, VDD = 3.3 V, FSCLK = 4.0 MHz, CLOAD = 200 pF
SO Rise Time
(20% VSO to 80% VDD)
CLOAD = 200 pF (Note 9)
25
50
ns
SO Fall Time
(80% VSO to 20% VDD)
CLOAD = 200 pF (Note 9)
50
ns
CSB Setup Time
CSB = 0.8 V to SCLK = 2.0 V
(Note 9)
60
ns
CSB Hold Time
SCLK = 0.8 V to CSB = 2.0 V
(Note 9)
75
ns
CSB to SO Time
CSB = 0.8 V to SO Data Valid
(Note 9)
65
125
ns
SO Delay Time
SCLK = 0.8 V to SO Data Valid
(Note 9)
65
125
ns
Transfer Delay Time
CSB Rising Edge to Next
Falling Edge (Note 9)
1.0
ms
8. Designed to meet these characteristics over the stated voltage and temperature recommended operating ranges, though may not be 100%
parametrically tested in production.
9. Guaranteed by design.


Similar Part No. - NCV7513FTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7513FTG ONSEMI-NCV7513FTG Datasheet
246Kb / 24P
   FLEXMOS Hex Low?뭆ide MOSFET Pre?묭river
January, 2007 ??Rev. 1
More results

Similar Description - NCV7513FTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7513 ONSEMI-NCV7513_07 Datasheet
246Kb / 24P
   FLEXMOS Hex Low?뭆ide MOSFET Pre?묭river
January, 2007 ??Rev. 1
NCV7518-D ONSEMI-NCV7518-D Datasheet
492Kb / 37P
   FLEXMOS Hex Low?릗ide MOSFET Pre?릁river
July, 2015 ??Rev. 1
NCV7518 ONSEMI-NCV7518 Datasheet
542Kb / 35P
   FLEXMOS Hex Low?릗ide MOSFET Pre?릁river
September, 2013 ??Rev. 0
NCV7513A ONSEMI-NCV7513A Datasheet
274Kb / 23P
   FLEXMOS Hex Low-Side MOSFET Pre-Driver
March, 2009 ??Rev. 1
NCV7518 ONSEMI-NCV7518_V01 Datasheet
590Kb / 38P
   FLEXMOS Hex Low‐side MOSFET Pre‐driver
October, 2016 - Rev. 3
NCV7513BFTR2G ONSEMI-NCV7513BFTR2G Datasheet
264Kb / 23P
   FLEXMOS Hex Low-Side MOSFET Pre-Driver
July, 2010 ??Rev. 0
NCV7517 ONSEMI-NCV7517 Datasheet
274Kb / 23P
   FLEXMOS Hex Low-Side MOSFET Pre-Driver
March, 2009 ??Rev. 1
NCV7512 ONSEMI-NCV7512 Datasheet
268Kb / 25P
   FLEXMOS Quad Low-Side Pre-Driver
December, 2008 ??Rev. 2
NCV7518 ONSEMI-NCV7518_16 Datasheet
491Kb / 37P
   Hex Low?릗ide MOSFET Pre?릁river
August, 2016 ??Rev. 2
NCV7520 ONSEMI-NCV7520 Datasheet
460Kb / 38P
   Hex Low-side MOSFET Pre-driver
October, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com