Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLF1048 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF1048
Description  UHF power LDMOS transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF1048 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF1048 Datasheet HTML 1Page - NXP Semiconductors BLF1048 Datasheet HTML 2Page - NXP Semiconductors BLF1048 Datasheet HTML 3Page - NXP Semiconductors BLF1048 Datasheet HTML 4Page - NXP Semiconductors BLF1048 Datasheet HTML 5Page - NXP Semiconductors BLF1048 Datasheet HTML 6Page - NXP Semiconductors BLF1048 Datasheet HTML 7Page - NXP Semiconductors BLF1048 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2000 Feb 02
3
Philips Semiconductors
Preliminary specification
UHF power LDMOS transistor
BLF1048
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
Note
1. Determined under specified RF operating conditions, based on maximum peak junction temperature.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
APPLICATION INFORMATION
RF performance in a common source class-AB circuit. Th =25 °C; Rth j-h = 1.15 K/W, unless otherwise specified.
Ruggedness in class-AB operation
The BLF1048 is capable of withstanding a load mismatch corresponding to VSWR = 10 : 1 through all phases under the
following conditions: VDS = 26 V; f = 960 MHz at rated load power.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDS
drain-source voltage
65
V
VGS
gate-source voltage
−±20
V
ID
drain current (DC)
9A
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
200
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-h
thermal resistance from junction to heatsink
Th =25 °C; Ptot = 100 W;
note 1
1.15
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)DSS
drain-source breakdown voltage
VGS = 0; ID = 1.4 mA
65
−−
V
VGSth
gate-source threshold voltage
VDS = 10 V; ID = 140 mA
4
5V
IDSS
drain-source leakage current
VGS = 0; VDS =26V
−−
10
µA
IDSX
drain cut-off current
VGS =VGSth +9V; VDS =10V
25
−−
A
IGSS
gate leakage current
VGS = ±20 V; VDS =0
−−
250
nA
gfs
forward transconductance
VDS = 10 V; ID =7A
4
S
RDSon
drain-source on-state resistance
VGS =VGSth +9V; ID =7A
150
m
Cis
input capacitance
VGS = 0; VDS = 26 V; f = 1 MHz
92
pF
Cos
output capacitance
VGS = 0; VDS = 26 V; f = 1 MHz
74
pF
Crs
feedback capacitance
VGS = 0; VDS = 26 V; f = 1 MHz
3
pF
MODE OF OPERATION
f
(MHz)
VDS
(V)
PL
(W)
Gp
(dB)
ηD
(%)
dim
(dBc)
CW, class-AB (2-tone)
f1 = 960; f2 = 960.1
26
90 (PEP)
>14
>35
≤−26
CW, class-AB (1-tone)
960
26
90
>14
>45


Similar Part No. - BLF1048

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF1043 PHILIPS-BLF1043 Datasheet
52Kb / 8P
   UHF power LDMOS transistor
2000 Feb 23
BLF1043 NXP-BLF1043 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLF1046 PHILIPS-BLF1046 Datasheet
43Kb / 8P
   UHF power LDMOS transistor
2000 Feb 02
BLF1046 NXP-BLF1046 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLF1047 PHILIPS-BLF1047 Datasheet
44Kb / 8P
   UHF power LDMOS transistor
2000 Feb 02
More results

Similar Description - BLF1048

ManufacturerPart #DatasheetDescription
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
   UHF power LDMOS transistor
logo
NXP Semiconductors
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
   UHF power LDMOS transistor
Rev. 3-7 December 2010
BLF3G21-6 NXP-BLF3G21-6 Datasheet
103Kb / 12P
   UHF power LDMOS transistor
Rev. 01-25 June 2008
BLF4G20LS-130 NXP-BLF4G20LS-130 Datasheet
85Kb / 11P
   UHF power LDMOS transistor
Rev. 01-1 June 2007
BLF4G22-130 NXP-BLF4G22-130 Datasheet
91Kb / 13P
   UHF power LDMOS transistor
Rev. 01-3 July 2007
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
   UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF647 PHILIPS-BLF647 Datasheet
127Kb / 16P
   UHF power LDMOS transistor
2001 Nov 27
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
   UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
   UHF power LDMOS transistor
1999 Dec 06
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
   UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
   UHF power LDMOS transistor
Rev. 01-20 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com