Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5463 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463 Datasheet(HTML) 3 Page - Texas Instruments

  ADS5463 Datasheet HTML 1Page - Texas Instruments ADS5463 Datasheet HTML 2Page - Texas Instruments ADS5463 Datasheet HTML 3Page - Texas Instruments ADS5463 Datasheet HTML 4Page - Texas Instruments ADS5463 Datasheet HTML 5Page - Texas Instruments ADS5463 Datasheet HTML 6Page - Texas Instruments ADS5463 Datasheet HTML 7Page - Texas Instruments ADS5463 Datasheet HTML 8Page - Texas Instruments ADS5463 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
ADS5463
SLAS515 – NOVEMBER 2006
MIN
TYP
MAX
UNIT
SUPPLIES
AVDD5
Analog supply voltage
4.75
5
5.25
V
AVDD3
Analog supply voltage
3
3.3
3.6
V
DVDD3
Output driver supply voltage
3
3.3
3.6
V
ANALOG INPUT
Differential input range
2.2
Vpp
VCM
Input common mode
2.4
V
DIGITAL OUTPUT (DRY, DATA, OVR)
Maximum differential output load
10
pF
CLOCK INPUT (CLK)
CLK input sample rate (sine wave)
20
500
MSPS
Clock amplitude, differential sine wave
3
Vpp
Clock duty cycle
50%
TA
Open free-air temperature
–40
85
°C
Typical values at T
A = 25°C, minimum and maximum values over full temperature range TMIN = –40°C to TMAX = 85°C,
sampling rate = 500 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, –1-dBFS differential input,
and 3-V
PP differential clock (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
12
Bits
ANALOG INPUTS
Differential input range
2.2
Vpp
VCM
Input common mode
2.4
V
Input resistance (dc)
Each input to ground
500
Input capacitance
Each input to ground
2.5
pF
Analog input bandwidth (–3 dB)
Dependent on source impedance
2
GHz
CMRR
Common-mode rejection ratio
Common mode signal = 10 MHz
80
dB
INTERNAL REFERENCE VOLTAGE
VREF
Reference voltage
2.4
V
DYNAMIC ACCURACY
No missing codes
Assured
DNL
Differential linearity error
fIN = 10 MHz
–0.95
±0.25
0.95
LSB
INL
Integral linearity error
fIN = 10 MHz
–2.5
+0.8/–0.3
2.5
LSB
Offset error
–11
11
mV
Offset temperature coefficient
0.0005
mV/
°C
Gain error
–5
5
%FS
Gain temperature coefficient
–0.02
∆%/°C
PSRR
100-kHz supply noise (see Figure 32)
85
dB
POWER SUPPLY
IAVDD5
5-V analog supply current
300
330
mA
IAVDD3
3.3-V analog supply current
VIN = full scale, fIN = 10 MHz,
125
138
mA
fS = 500 MSPS
IDVDD3
3.3-V digital supply current (includes
82
88
mA
LVDS)
Total power dissipation
2.18
2.4
W
Power-up time
200
µs
3
Submit Documentation Feedback


Similar Part No. - ADS5463

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5463 TI-ADS5463 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5463 TI-ADS5463 Datasheet
484Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
ADS5463 TI1-ADS5463 Datasheet
1Mb / 49P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
More results

Similar Description - ADS5463

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463-EP TI1-ADS5463-EP_14 Datasheet
1Mb / 32P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463 TI-ADS5463_08 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5463-SP TI1-ADS5463-SP Datasheet
833Kb / 31P
[Old version datasheet]   Class V, 12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-SP TI-ADS5463-SP Datasheet
648Kb / 25P
[Old version datasheet]   CLASS V, 12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9434 AD-AD9434 Datasheet
1,012Kb / 28P
   12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com